Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM5309B Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part No. SM5309B
Description  3-channel Video Buffer with Built-in wideband LPF
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5309B Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5309B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SM5309B
SEIKO NPC CORPORATION —10
Mode Condition Settings
Evaluation Circuit Diagram
Table 1. Mode settings
Mode setting
Input type
fc mode
Filter/Bypass mode
CH-1
CH-2
CH-3
a
Clamp
Bias
Bias
Standard
Filter
b
Bias
c
Clamp
d
Bias
Half
e
Clamp
f
Bias
Bypass
g
Clamp
h
Direct
Standard
Filter
i
Half
j
Bypass
VCC
100
µF
0.1
µF
IN1A
IN1B
GND
ISET
NC
IN2A
SCL
MUXSEL
IN3B
IN3A
VCC
IN2B
OUT2
GND
OUT1
VCC
REF2
REF1
ADS
OUT3
GND
VDD
SDA
10
µF
+
75
OUT2
100
µF
10
µF
IN3B
+
1
µF
I C Controller
2
1.8k
VCC
VDD
100
µF
0.1
µF
+
75
OUT3
100
µF
+
75
OUT1
100
µF
100pF
IN2B
+
1
µF
IN1B
+
1
µF
IN3A
+
1
µF
IN2A
+
1
µF
IN1A
+
1
µF
VCC
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn