Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM5309B Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part No. SM5309B
Description  3-channel Video Buffer with Built-in wideband LPF
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5309B Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5309B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SM5309B
SEIKO NPC CORPORATION —9
Analog output characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω,
CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA
= 227, unless otherwise noted.
Internal mode settings are shown in table 1 in "Mode Condition Settings".
Reference voltage characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, unless otherwise noted.
Test level
The definition of “Test Level” shown in the electrical characteristic table is as follows.
I : 100% of products tested at Ta = + 25
°C.
II : Guaranteed as result of design and characteristics evaluation.
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Filter mode output gain
AVF
− 0.5
0
0.5
dB
I
Filter bypass mode output gain
AVB
− 0.5
0
0.5
dB
I
Filter bypass mode gain error
dAVBP
Gain error between filter mode and
bypass mode
−± 0.2
dB
I
Channel to channel gain error
dAVCH
−−
± 0.2
dB
I
Maximum output voltage
Vout
Mode: b, c, THD
< 1.0%
1.4
Vp-p
I
Output distortion
THDB
Mode: b, fin = 100kHz, VIN = 1.4Vp-p
0.2
1.0
%
I
THDC
Mode: c, fin = 100kHz, VIN = 1.4Vp-p
0.2
1.0
%
I
Channel to channel crosstalk
XTLK1
1.0Vp-p input, fin = 1MHz,
between 2 channels
−− 71
dB
II
MUX input to input crosstalk
XTLK2
1.0Vp-p input, fin = 1MHz,
between INnA and INnB
− 50
dB
II
Drive load resistance
RL
1 load = 150
Ω−
2
load
I
I2C response time
TIC
Response time from ACK bit output
when changing settings using I2C-BUS
−−
1
µsII
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
REF output voltage
VR1
REF1
3.35
VII
VR2
REF2
2.45
VII


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn