Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SM5309B Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part No. SM5309B
Description  3-channel Video Buffer with Built-in wideband LPF
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo 

SM5309B Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SM5309B
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
Note. The recommended value of the external resistor (RISET) connected to ISET is 1.8kΩ.
5th Order
LPF
MUX
SCL
REF2
SDA
VDD
ISET
REF1
IN1A
IN1B
I C Control
2
Clamp/Bias/Direct
Clamp/Bias/Direct
CH-1
ADS MUXSEL
Vref
Current Source
0dB
Bypass
Filter
MUX
IN2A
IN2B
Clamp/Bias/Direct
Clamp/Bias/Direct
CH-2
Bypass
Filter
MUX
IN3A
IN3B
Clamp/Bias/Direct
Clamp/Bias/Direct
CH-3
Bypass
Filter
GND
OUT3
VCC
GND
OUT2
VCC
GND
OUT1
VCC
5th Order
LPF
5th Order
LPF
0dB
0dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn