Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3320AGA Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM3320AGA
Description  Dark current compensation circuit built-in for stable signal output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3320AGA Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM3320AGA Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 11Page - Nippon Precision Circuits Inc SM3320AGA Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SM3320AGA
SEIKO NPC CORPORATION - 8
FUNCTIONAL DESCRIPTION
Basic Function
The SM3320AGAdetects the current generated from a photodiode and outputs a voltage signal.
The transimpedance of the preamplifier can be adjusted for coarse adjustment of the responsivity. The transimpedance adjustment range
is 0.5 to 60MΩ, set using 4 adjustment bits. Also, a dark current compensation circuit is used to compensate photodiode output under dark
lighting conditions for output voltage stability with low temperature variation.
The gain of the postamplifier can be adjusted for fine adjustment of the responsivity. The gain adjustment range is 1 to 4 times, set using 4
adjustment bits.Also, a built-in offset cancel circuit is used to provide low offset voltage at the output.
The output voltage when there is no photoirradiation, called the dark voltage, is 0.1VDD. The maximum output voltage with
photoirradiation is 0.7VDD.
The device can be addressed using address pin control. This function allows the transimpedance and gain settings to be adjusted for each
device independently when multiple devices are connected in parallel.An output enable control (OE) is used for output control.
[Address andA[2:0] setting]
Address
A2 setting
A1 setting
A0 setting
[000]
VSS
VSS
VSS
[001]
VSS
VSS
VDD
[010]
VSS
VDD
VSS
[011]
VSS
VDD
VDD
[100]
VDD
VSS
VSS
[101]
VDD
VSS
VDD
[110]
VDD
VDD
VSS
[111]
VDD
VDD
VDD
Serial Interface
The SM3320AGA use a 3-wire serial interface (SE, CLK, DATA) to access the device and to set an internal register to control device
operation. Note that extraneous signal input on the serial interface pins must be avoided when not reading/writing data to the device to
prevent incorrect operation.
Internal Register Structure
The device read/write mode, address, operating mode, preamplifier transimpedance, and postamplifier gain are set in an internal register.
The device can be accessed for writing data to or reading data from the register when the A[2:0] address write data bits match the setting
of the address control inputs (A2 toA0).
Note that register data must be configured before using the device.
Address
Data
RW
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R/W
address
Don’t care
Preamplifier
transimpedance
Postamplifier gain
Feedback
capacitance
Conversion
time
-
-
-
-
CS1
CS0
TS1
TS0
GS3
GS2
GS1
GS0
(1) RW
Read/Write mode set bit. Set to “1” for read mode, and to “0” for write mode.
(2)AddressA[2:0] (A2 toA0)
Address bits.
(3) Preamplifier transimpedance CS[1:0] (D7 to D6) and TS[1:0] (D5 to D4)
Preamplifier transimpedance setting bits
(4) Postamplifier gain GS[3:0] (D3 to D0)
Postamplifier gain setting bits


Similar Part No. - SM3320AGA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
   High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
More results

Similar Description - SM3320AGA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM3322ARA NPC-SM3322ARA Datasheet
304Kb / 14P
   Dark current compensation circuit built-in for stable signal output
logo
ON Semiconductor
NOA1211 ONSEMI-NOA1211 Datasheet
148Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
March, 2011 ??Rev. 0
NOA1212 ONSEMI-NOA1212 Datasheet
158Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
August, 2012 ??Rev. 1
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com