Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W22CA002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W22CA002
Description  WR-22 With UG-383-U Flange to 2.4mm Male Waveguide
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W22CA002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W22CA002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W22CA002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W22CA002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W22CA002 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Features
• Q Band, 33 to 50 GHz Frequency Range
• WR-22 Waveguide Interface with Precision Tolerance
UG-383/U Flange
• 2.4 mm Male RF Interface
• Comprehensive waveguide offerings also include
E-Bends, H-Bends, Sections, Filters, Terminations,
Couplers, and more.
.
Description
PE-W22CA002 is a waveguide to coaxial adapter operating in the Q Band with a 33 GHz to 50 GHz frequency range. This
adapter offers a WR-22 waveguide interface size coupled with a precision tolerance UG-383/U flange. PE-W22CA002 is
constructed of aluminum and plated in gold to ensure durability and repeatable RF performance. The 2.4 mm connector
offered by this adapter is mechanically compatible with commercially available 1.85 mm connectors.
Configuration
Waveguide Size
WR-22
Flange
UG-383/U
RF Connector
2.4mm Male
Impedance
50 Ohms
Body Geometry
Right Angle
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
33
50
GHz
VSWR
1.29:1
Insertion Loss
0.4
dB
.
Mechanical Specifications
Size
Length
1 in [25.4 mm]
Width
1.13 in [28.7 mm]
Height
1.275 in [32.39 mm]
RF Connector
Connector Type
2.4mm Male
Body Material and Plating
Stainless Steel
Waveguide Interface
Waveguide Type
WR-22
Flange Type
UG-383/U
Body Material and Plating
Aluminum, Gold
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-22 With UG-383/U Flange to 2.4mm Male Waveguide to Coax Adapter Operating From
33 GHz to 50 GHz Q Band PE-W22CA002
PE-W22CA002
PE-W22CA002 REV 1.0
WR-22 With UG-383/U Flange to 2.4mm Male Waveguide to
Coax Adapter Operating From 33 GHz to 50 GHz Q Band
Waveguide to Coax Adapters Technical Data Sheet


Similar Part No. - PE-W22CA002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22CA001 PASTERNACK-PE-W22CA001 Datasheet
415Kb / 4P
   WR-22 With UG-383-U Flange to 2.4mm Female Waveguide
More results

Similar Description - PE-W22CA002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22CA001 PASTERNACK-PE-W22CA001 Datasheet
415Kb / 4P
   WR-22 With UG-383-U Flange to 2.4mm Female Waveguide
PE-W19TS22001 PASTERNACK-PE-W19TS22001 Datasheet
426Kb / 4P
   WR-19 to WR-22 Waveguide Transition 2 Inch Length, UG-383/U Mod Round Cover Flange to UG-383/U Round Cover Flange
PE-W22TS42001 PASTERNACK-PE-W22TS42001 Datasheet
451Kb / 4P
   WR-22 to WR-42 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-595/U Square Cover Flange
PE-W22TS28001 PASTERNACK-PE-W22TS28001 Datasheet
424Kb / 4P
   WR-22 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-599/U Square Cover Flange
PE-W15TS22001 PASTERNACK-PE-W15TS22001 Datasheet
439Kb / 4P
   WR-15 to WR-22 Waveguide Transition 2 Inch Length, UG- 385/U Round Cover Flange to UG-383/U Round Cover Flange
PEWAD5004 PASTERNACK-PEWAD5004 Datasheet
364Kb / 3P
   WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWAD5007 PASTERNACK-PEWAD5007 Datasheet
443Kb / 4P
   WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PE-W22TW1001 PASTERNACK-PE-W22TW1001 Datasheet
405Kb / 3P
   WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PE-W15TS19001 PASTERNACK-PE-W15TS19001 Datasheet
427Kb / 4P
   WR-15 to WR-19 Waveguide Transition 1.5 Inch Length, UG-385/U Round Cover Flange to UG-383/U-Mod Round Cover Flange
PE-W19TS28001 PASTERNACK-PE-W19TS28001 Datasheet
443Kb / 4P
   WR-19 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Mod Round Cover Flange to UG-599/U Square Cover Flange
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com