Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A9001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A9001
Description  50 MHz to 1000 MHz Frequency Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A9001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A9001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Typical Performance Data
dB
dB
-50
-40
-30
-20
-10
0
10
20
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000
Freq.(GHz)
Gain, Input Return Loss and Output Return Loss
Gain(dB )@+25 C
IN_Return Loss(dB)
OUT_Return Loss(dB)
10
11
12
13
14
15
16
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000
Freq.(GHz)
Gain vs Temperature
Gain(dB )@+25 C
Gain(dB) @+50
Gain(dB) @-10
PE15A9001
PE15A9001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 37 dBm IP3, 1.5 dB NF, Linear Amplifier, 23 dBm P1dB, 50 MHz to 1,000 MHz, 15 dB Gain,
SMA PE15A9001
37 dBm IP3, 1.5 dB NF, Linear Amplifier, 23 dBm
P1dB, 50 MHz to 1,000 MHz, 15 dB Gain, SMA


Similar Part No. - PE15A9001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A9001

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
BLK-711N SYNERGY-BLK-711N Datasheet
31Kb / 1P
   FREQUENCY RANGE: 1 - 1000 MHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
logo
Analog Devices
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com