Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25085 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM25085
Description  LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25085 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25085_15 Datasheet HTML 3Page - Texas Instruments LM25085_15 Datasheet HTML 4Page - Texas Instruments LM25085_15 Datasheet HTML 5Page - Texas Instruments LM25085_15 Datasheet HTML 6Page - Texas Instruments LM25085_15 Datasheet HTML 7Page - Texas Instruments LM25085_15 Datasheet HTML 8Page - Texas Instruments LM25085_15 Datasheet HTML 9Page - Texas Instruments LM25085_15 Datasheet HTML 10Page - Texas Instruments LM25085_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LM25085, LM25085-Q1
www.ti.com
SNVS593J – OCTOBER 2008 – REVISED NOVEMBER 2014
6.7 Typical Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 24V.
Figure 1. Efficiency (Circuit Of LM25085 Typical Application)
Figure 2. Input Operating Current vs. VIN
Figure 3. Shutdown Current vs. VIN
Figure 4. VCC vs. VIN
Figure 5. VCC vs. ICC
Figure 6. On-Time vs. RT And VIN
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25085 LM25085-Q1


Similar Part No. - LM25085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25085-Q1 TI1-LM25085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
Texas Instruments
LM25085A TI1-LM25085A Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM25085A TI1-LM25085A Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085AMM NSC-LM25085AMM Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
More results

Similar Description - LM25085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com