Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3743 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3743
Description  High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3743 Datasheet(HTML) 2 Page - Texas Instruments

  LM3743 Datasheet HTML 1Page - Texas Instruments LM3743 Datasheet HTML 2Page - Texas Instruments LM3743 Datasheet HTML 3Page - Texas Instruments LM3743 Datasheet HTML 4Page - Texas Instruments LM3743 Datasheet HTML 5Page - Texas Instruments LM3743 Datasheet HTML 6Page - Texas Instruments LM3743 Datasheet HTML 7Page - Texas Instruments LM3743 Datasheet HTML 8Page - Texas Instruments LM3743 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
VCC
1
SW
2
BOOT
3
LGATE
4
FB
5
HGATE
10
ILIM
9
GND
8
SS/TRACK
7
COMP/EN
6
LM3743
LM3743
SNVS427E – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 10-Lead Plastic VSSOP (Top View)
See Package Number DGS
PIN DESCRIPTIONS
Supply rail for the controller section of the IC. A minimum capacitance of 1 µF, preferably a multi-layer
VCC (Pin 1)
ceramic capacitor type (MLCC), must be connected as close as possible to the VCC and GND pin and a
1 to 4.99
Ω resistance must be connected in series from the supply rail to the Vcc pin. See VCC Filtering
in the Design Consideration section for further details.
Gate drive for the low-side N-channel MOSFET. This signal is interlocked with HGATE to avoid a shoot-
LGATE (Pin 2)
through problem.
Power ground (PGND) and signal ground (SGND). Connect the bottom feedback resistor between this
GND (Pin 3)
pin and the feedback pin.
Low side current limit threshold setting pin. This pin sources a fixed 50 µA current. A resistor of
ILIM (Pin 4)
appropriate value should be connected between this pin and the drain of the low-side N-FET.
Feedback pin. This is the inverting input of the error amplifier used for sensing the output voltage and
FB (Pin 5)
compensating the control loop.
Output of the error amplifier and enable pin. The voltage level on this pin is compared with an internally
COMP/EN (Pin 6)
generated ramp signal to determine the duty cycle. This pin is necessary for compensating the control
loop. Forcing this pin to ground will shut down the IC.
Soft-start and tracking pin. This pin is connected to the non-inverting input of the error amplifier during
SS/TRACK (Pin 7)
initial soft-start, or any time the voltage is below the reference. To track the rising ramp of another power
supply's output, connect a resistor divider from the output of that supply to this pin as described in
Application Information.
Switch pin. The lower rail of the high-side N-FET driver. Also used for the high side current limit sensing.
SW (Pin 8)
Gate drive for the high-side N-channel MOSFET. This signal is interlocked with LGATE to avoid a shoot-
HGATE (Pin 9)
through problem.
Supply rail for the N-channel MOSFET high gate drive. The voltage should be at least one gate
BOOT (Pin 10)
threshold above the regulator input voltage to properly turn on the high-side N-FET. See MOSFET
GATE DRIVE in the Application Information section for more details on how to select MOSFETs.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3743


Similar Part No. - LM3743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
602Kb / 28P
   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
LM3743MM-1000 NSC-LM3743MM-1000 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
LM3743MM-1000 NSC-LM3743MM-1000 Datasheet
602Kb / 28P
   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
LM3743MM-300 NSC-LM3743MM-300 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
More results

Similar Description - LM3743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3743 NSC-LM3743_08 Datasheet
602Kb / 28P
   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com