Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT1172-2_118 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SOT1172-2_118
Description  HTSSOP28 Reel pack SMD 13 Q1/T1 Standard product orientation Orderable part number ending 118 or J Ordering code (12NC) ending 118
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT1172-2_118 Datasheet(HTML) 2 Page - NXP Semiconductors

  SOT1172-2_118 Datasheet HTML 1Page - NXP Semiconductors SOT1172-2_118 Datasheet HTML 2Page - NXP Semiconductors SOT1172-2_118 Datasheet HTML 3Page - NXP Semiconductors SOT1172-2_118 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SOT1172_118
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Packing information
Rev. 1 — 12 April 2013
2 of 4
NXP Semiconductors
SOT1172-2
HTSSOP28; Reel pack; SMD, 13"
Q1/T1 Standard product orientation
Orderable part number ending ,118 or J
Ordering code (12NC) ending 118
2.
Product orientation
3.
Carrier tape dimensions
Fig 2.
Product orientation in carrier tape
DDD
SLQ
Fig 3.
Carrier tape dimensions
Table 2.
Carrier tape dimensions
In accordance with IEC 60286-3.
A0 (mm)
B0 (mm)
K0 (mm)
T (mm)
P1 (mm)
W (mm)
6.8
10.2
1.6
-
8
16
K0
001aao148
A0
4 mm
T
P1
B0
W
direction of feed


Similar Part No. - SOT1172-2_118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT117-1 PHILIPS-SOT117-1 Datasheet
9Kb / 1P
   DIP28: plastic dual in-line package; 28 leads (600 mil)
2003 Feb 18
More results

Similar Description - SOT1172-2_118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT505-1_118 PHILIPS-SOT505-1_118 Datasheet
219Kb / 4P
   TSSOP8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-15 April 2013
SOT908-1_118 PHILIPS-SOT908-1_118 Datasheet
276Kb / 4P
   HVSON8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 2-19 April 2013
SOT361-1_118 PHILIPS-SOT361-1_118 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 3-16 April 2013
SOT355-1_118 PHILIPS-SOT355-1_118 Datasheet
232Kb / 4P
   TSSOP24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT360-1_118 PHILIPS-SOT360-1_118 Datasheet
230Kb / 4P
   TSSOP20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT137-1_118 PHILIPS-SOT137-1_118 Datasheet
240Kb / 4P
   SO24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-12 April 2013
SOT109-1_118 PHILIPS-SOT109-1_118 Datasheet
215Kb / 4P
   SO16 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-24 April 2013
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
SOT629-1_118 PHILIPS-SOT629-1_118 Datasheet
264Kb / 4P
   HVQFN16 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-17 April 2013
SOT617-3_118 PHILIPS-SOT617-3_118 Datasheet
191Kb / 4P
   HVQFN32 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-2 April 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com