Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3488MM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488MM
Description  LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MM Datasheet(HTML) 5 Page - Texas Instruments

  LM3488MM Datasheet HTML 1Page - Texas Instruments LM3488MM Datasheet HTML 2Page - Texas Instruments LM3488MM Datasheet HTML 3Page - Texas Instruments LM3488MM Datasheet HTML 4Page - Texas Instruments LM3488MM Datasheet HTML 5Page - Texas Instruments LM3488MM Datasheet HTML 6Page - Texas Instruments LM3488MM Datasheet HTML 7Page - Texas Instruments LM3488MM Datasheet HTML 8Page - Texas Instruments LM3488MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM3488, LM3488-Q1
www.ti.com
SNVS089N – JULY 2000 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, RFA = 40 kΩ, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fnom
Nominal Switching Frequency
RFA = 40 KΩ
400
kHz
RFA = 40 KΩ, −40°C ≤ TJ ≤ 125°C
360
430
RDS1 (ON) Driver Switch On Resistance (top)
IDR = 0.2A, VIN= 5 V
16
Ω
RDS2 (ON) Driver Switch On Resistance (bottom)
IDR = 0.2A
4.5
Ω
VDR (max)
Maximum Drive Voltage Swing(1)
VIN < 7.2 V
VIN
V
VIN ≥ 7.2 V
7.2
Dmax
Maximum Duty Cycle(2)
100%
Tmin (on)
Minimum On Time
325
nsec
−40°C ≤ TJ ≤ 125°C
230
550
ISUPPLY
Supply Current (switching)
See (3)
2.7
mA
See (3),
−40°C ≤ TJ ≤ 125°C
3.0
IQ
Quiescent Current in Shutdown Mode
VFA/SYNC/SD = 5 V
(4), V
IN = 5 V
5
µA
VFA/SYNC/SD = 5 V
(4), V
IN = 5 V,
7
−40°C ≤ TJ ≤ 125°C
VSENSE
Current Sense Threshold Voltage
VIN = 5 V
135
156
180
mV
VIN = 5 V, −40°C ≤ TJ ≤ 125°C
125
190
VSC
Short-Circuit Current Limit Sense Voltage
VIN = 5 V
343
mV
VIN = 5 V, −40°C ≤ TJ ≤ 125°C
250
415
VSL
Internal Compensation Ramp Voltage
VIN = 5 V
92
mV
VIN = 5 V, −40°C ≤ TJ ≤ 125°C
52
132
VSL ratio
VSL/VSENSE
0.30
0.49
0.70
VOVP
Output Overvoltage Protection (with
VCOMP = 1.4 V
32
50
78
mV
respect to feedback voltage) (5)
VCOMP = 1.4 V, −40°C ≤ TJ
25
85
125°C
VOVP(HYS) Output Over-Voltage Protection
VCOMP = 1.4 V
60
mV
Hysteresis(5)
VCOMP = 1.4 V, −40°C ≤ TJ
20
110
125°C
Gm
Error Ampifier Transconductance
VCOMP = 1.4 V, IEAO = 100 µA
600
800
1000
µmho
(Source/Sink)
VCOMP = 1.4 V, IEAO = 100 µA
365
1265
(Source/Sink),
−40°C ≤ TJ ≤ 125°C
AVOL
Error Amplifier Voltage Gain
VCOMP = 1.4 V, IEAO = 100 µA
38
V/V
(Source/Sink)
VCOMP = 1.4 V, IEAO = 100 µA
26
44
(Source/Sink),
−40°C ≤ TJ ≤ 125°C
IEAO
Error Amplifier Output Current (Source/
Source, VCOMP = 1.4 V, VFB = 0 V
80
110
140
µA
Sink)
Source, VCOMP = 1.4 V, VFB = 0 V,
50
180
−40°C ≤ TJ ≤ 125°C
Sink, VCOMP = 1.4 V, VFB = 1.4 V
−100
−140
−180
µA
Sink, VCOMP = 1.4 V, VFB = 1.4 V,
−85
−185
−40°C ≤ TJ ≤ 125°C
(1)
The voltage on the drive pin, VDR is equal to the input voltage when input voltage is less than 7.2 V. VDR is equal to 7.2 V when the
input voltage is greater than or equal to 7.2 V.
(2)
The limits for the maximum duty cycle can not be specified since the part does not permit less than 100% maximum duty cycle
operation.
(3)
For this test, the FA/SYNC/SD Pin is pulled to ground using a 40K resistor .
(4)
For this test, the FA/SYNC/SD Pin is pulled to 5 V using a 40K resistor.
(5)
The over-voltage protection is specified with respect to the feedback voltage. This is because the over-voltage protection tracks the
feedback voltage. The over-voltage thresold can be calculated by adding the feedback voltage, VFB to the over-voltage protection
specification.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3488 LM3488-Q1


Similar Part No. - LM3488MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488MM NSC-LM3488MM Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM NSC-LM3488MM Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM NSC-LM3488MM Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results

Similar Description - LM3488MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com