Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL3401HN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL3401HN Datasheet HTML 4Page - NXP Semiconductors SSL3401HN Datasheet HTML 5Page - NXP Semiconductors SSL3401HN Datasheet HTML 6Page - NXP Semiconductors SSL3401HN Datasheet HTML 7Page - NXP Semiconductors SSL3401HN Datasheet HTML 8Page - NXP Semiconductors SSL3401HN Datasheet HTML 9Page - NXP Semiconductors SSL3401HN Datasheet HTML 10Page - NXP Semiconductors SSL3401HN Datasheet HTML 11Page - NXP Semiconductors SSL3401HN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SSL3401HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 January 2014
8 of 29
NXP Semiconductors
SSL3401HN
Low voltage dimmable controller for LED lighting
(1)
Different input latching current values can be set via external resistors. Table 4 shows the
latching current value as a function of the output voltage of the input latching current
setting resistor divider, Vset(I)latch =(VDD * RSET2 / (RSET2 + RSET3)), with
RICBST = 200 m and VDD =3.3 V.
Fig 3.
Latching current setting
R
ICBST
0.20
7.5
P
input
--------------
=


Similar Part No. - SSL3401HN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
49Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSL34 YFWDIODE-SSL34 Datasheet
451Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
129Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
RFE international
SSL34 RFE-SSL34 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
10-14-2022
logo
MIC GROUP RECTIFIERS
SSL34 MIC-SSL34 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SSL3401HN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
logo
Texas Instruments
TPS92561 TI-TPS92561 Datasheet
1Mb / 24P
[Old version datasheet]   Phase Dimmable, Single Stage Boost Controller for LED Lighting
TPS92561 TI1-TPS92561 Datasheet
1Mb / 31P
[Old version datasheet]   Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com