Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3150 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3150
Description  LM3150 Wide-VIN Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3150 Datasheet(HTML) 2 Page - Texas Instruments

  LM3150_15 Datasheet HTML 1Page - Texas Instruments LM3150_15 Datasheet HTML 2Page - Texas Instruments LM3150_15 Datasheet HTML 3Page - Texas Instruments LM3150_15 Datasheet HTML 4Page - Texas Instruments LM3150_15 Datasheet HTML 5Page - Texas Instruments LM3150_15 Datasheet HTML 6Page - Texas Instruments LM3150_15 Datasheet HTML 7Page - Texas Instruments LM3150_15 Datasheet HTML 8Page - Texas Instruments LM3150_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LM3150
SNVS561F – SEPTEMBER 2008 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 10
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 14
3
Description ............................................................. 1
9.1
Application Information............................................ 14
4
Typical Application Schematic ............................. 1
9.2
Typical Application .................................................. 14
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 24
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 24
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 24
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 25
7.2
ESD Ratings.............................................................. 4
12
Device and Documentation Support ................. 26
7.3
Recommended Operating Ratings............................ 4
12.1
Documentation Support ....................................... 26
7.4
Thermal Information .................................................. 4
12.2
Trademarks ........................................................... 26
7.5
Electrical Characteristics........................................... 5
12.3
Electrostatic Discharge Caution ............................ 26
7.6
Typical Characteristics .............................................. 7
12.4
Glossary ................................................................ 26
8
Detailed Description .............................................. 9
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................... 9
Information ........................................................... 26
8.2
Functional Block Diagram ....................................... 10
5 Revision History
Changes from Revision E (November 2012) to Revision F
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 4
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM3150


Similar Part No. - LM3150_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3150MH NSC-LM3150MH Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
logo
Texas Instruments
LM3150MH TI1-LM3150MH Datasheet
1Mb / 26P
[Old version datasheet]   LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM3150MH/NOPB TI1-LM3150MH/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
logo
National Semiconductor ...
LM3150MHE NSC-LM3150MHE Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
logo
Texas Instruments
LM3150MHE/NOPB TI1-LM3150MHE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
More results

Similar Description - LM3150_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com