Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2640 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2640
Description  LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2640 Datasheet(HTML) 5 Page - Texas Instruments

  LM2640_15 Datasheet HTML 1Page - Texas Instruments LM2640_15 Datasheet HTML 2Page - Texas Instruments LM2640_15 Datasheet HTML 3Page - Texas Instruments LM2640_15 Datasheet HTML 4Page - Texas Instruments LM2640_15 Datasheet HTML 5Page - Texas Instruments LM2640_15 Datasheet HTML 6Page - Texas Instruments LM2640_15 Datasheet HTML 7Page - Texas Instruments LM2640_15 Datasheet HTML 8Page - Texas Instruments LM2640_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM2640
www.ti.com
SNVS019B – DECEMBER 1998 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
IN, SW1, and SW2
−0.3 to 31V
FB1 and FB2
−0.3 to 3V
SD, ON/OFF1, ON/OFF2, 2NDFB/FPWM, SYNC, REF, SS1, SS2, COMP1, COMP2 and CSL1
−0.3 to (VLIN +0.3)V
LIN
−0.3 to 6V
CSH1, CSH2, and CSL2
−0.3 to 7V
Voltage from CBOOT1 to SW1 and from CBOOT2 to SW2
−0.3 to 5V
Voltage from HDRV1 to SW1 and from HDRV2 to SW2
−0.3V
Voltage from CBOOT1 to HDRV1 and from CBOOT2 to HDRV2
−0.3V
Junction Temp.
+150°C
Power Dissipation(4)
883 mW
Ambient Storage Temp. (TJ)
−65 to +150°C
Wave
4 sec, 260°C
Soldering Dwell Time, Temp.(5)
Infrared
10 sec, 240°C
Vapor Phase
75 sec, 219°C
ESD Rating(6)
2 kV
(1)
Unless otherwise specified, all voltages are with respect to the voltage at the GND and PGND pins.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The Absolute Maximum power dissipation depends on the ambient temperature. The 883 mW rating results from substituting 150°C,
70°C, and 90.6°C/W for TJmax, TA, and θJA respectively into the formula Pmax = (TJmax - TA)/θJA, where Pmax is the Absolute Maximum
power dissipation, TJmax is the Absolute Maximum junction temperature, TA is the ambient temperature, and θJA is the junction-to-
ambient thermal resistance of the package. A
θJA of 90.6°C/W represents the worst-case condition of no heat sinking of the 28-pin
TSSOP. Heat sinking allows the safe dissipation of more power. The Absolute Maximum power dissipation must be derated by 11.04
mW per °C above 70°C ambient. The LM2640 actively limits its junction temperature to about 150°C.
(5)
For detailed information on soldering plastic small-outline packages, refer to (SNOA549) available from TI.
(6)
For testing purposes, ESD was applied using the human-body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
VIN
5.5 to 30V
Junction Temp. (TJ)
0 to +125°C
(1)
Unless otherwise specified, all voltages are with respect to the voltage at the GND and PGND pins.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2640


Similar Part No. - LM2640_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400YMH/NOPB TI-LM26400YMH/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results

Similar Description - LM2640_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
[Old version datasheet]   LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641 TI1-LM2641 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com