Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCA-5510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NCA-5510
Description  1U High Performance x86 Rackmount Network Appliance based on Intel Grantley-EP Platform (Haswell-EP CPUWellsburg PCH) and 4 NIC Module Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NCA-5510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NCA-5510 Datasheet HTML 1Page - List of Unclassifed Manufacturers NCA-5510 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NCA-5510
1U High Performance x86 Rackmount Network Appliance
based on Intel Grantley-EP Platform (Haswell-EP CPU+
Wellsburg PCH) and 4 NIC Module Slots
Preliminary Specifications
• Support Intel® Haswell-EP E5-2600 v3 CPU with Wellsburg PCH
• 4 NIC module slots support 1/10/40G/Fiber/Copper/Bypass
• Memory:DDR4 2133 MHz, maximum capacity up to 256GB
• 1+1 ATX redundant powers 300W
• Optional IPMI support
• Optional TPM support
• Removable fan modules
Processor System
CPU Options
Intel® Xeon® processor E5-2600 v3 series
on LGA2011-R3 (Haswell-EP)
Frequency
Depends on CPU
Core Number
Depends on CPU
BIOS
AMI SPI Flash BIOS
Chipset
Intel C612 Chipset
Fanless
No
Memory
Technology
DDR4 2133 MHz (Registered ECC)
Max. Capacity
256GB
Socket
8 x 288-pin DIMM
Ethernet
Controller
1 x Intel i210
NIC module
4
Speed
10/100/1000 Mbps
Interface
RJ-45
Bypass
Depends on NIC Module
Storage
Type
SATA
Installation
1 x 3.5” or 2 x 2.5” HDD drive bays (Hard-
drive is NOT included)
Type
CFast
Installation
1 x CFast
I/O
Reset Button
1 x reset button, software reset by default
Console
1 x RJ45
USB
2 x type A
IPMI
Optional
TPM
Optional
Expansion
PCIe
Optional riser card for rear expansion
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
4x independent hot-swappable cooling
fans with smart fan control
Environment
Operating Temperature
0 ~ 40ºC
Storage Temperature
-20 ~ 70ºC
Relative Humidity
5% ~ 90%, non-condensing
Miscellaneous
LCD Module
Character LCM with keypad (Graphic
optional)
Watchdog
Yes
Internal RTC with Li Battery
Yes
Mechanical
Dimension (W x H x D)
438 x 44 x 580 mm
Weight
16 kg
Mounting
Rack mount
Power
Type / Watts
1+1 ATX 300 W redundant power supply
units
Input
AC 110~240V@50~60Hz
Driver Support
Microsoft Windows
Windows 7, Windows 2008 Server
Linux
Linux Kernel 2.6 or above
Certification
EMC
CE Class A, FCC Class A, RoHS
Safety
N/A
Features


Similar Part No. - NCA-5510

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
NCA-5520 LANNER-NCA-5520 Datasheet
597Kb / 2P
   1U 19??Rackmount Network Appliance Built with 2nd Gen Intel짰 Xeon짰 Scalable Family Processors (Codenamed Cascade Lake SP)
NCA-5520A LANNER-NCA-5520A Datasheet
597Kb / 2P
   1U 19??Rackmount Network Appliance Built with 2nd Gen Intel짰 Xeon짰 Scalable Family Processors (Codenamed Cascade Lake SP)
NCA-5520B LANNER-NCA-5520B Datasheet
597Kb / 2P
   1U 19??Rackmount Network Appliance Built with 2nd Gen Intel짰 Xeon짰 Scalable Family Processors (Codenamed Cascade Lake SP)
NCA-5530 LANNER-NCA-5530 Datasheet
413Kb / 2P
   1U 19” Rackmount Network Appliance Built 1U 19” Rackmount Network Appliance Built Processors (Codenamed Ice Lake SP)
V1-2021.11.17
NCA-5530A LANNER-NCA-5530A Datasheet
413Kb / 2P
   1U 19” Rackmount Network Appliance Built 1U 19” Rackmount Network Appliance Built Processors (Codenamed Ice Lake SP)
V1-2021.11.17
More results

Similar Description - NCA-5510

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
   1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
FWA-3220 ADVANTECH-FWA-3220 Datasheet
472Kb / 2P
   1U Rackmount Network Appliance based on the Intel짰 Platform for Communications Infrastructure
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
List of Unclassifed Man...
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
logo
Axiomtek Co., Ltd.
NA580 AXIOMTEK-NA580_17 Datasheet
252Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA590 AXIOMTEK-NA590 Datasheet
306Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA570 AXIOMTEK-NA570_17 Datasheet
184Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1150 Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com