Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-3411B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FX-3411B
Description  3U Cloud Storage Appliance with Two Intel짰 Xeon짰 E5-2600 Series processors (Sandy/Ivy Bridge-EP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FX-3411B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FX-3411B Datasheet HTML 1Page - List of Unclassifed Manufacturers FX-3411B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
connect@lannerinc.com | www.lannerinc.com
Preliminary Specifications
Ordering Information
Form Factor
Rackmount 3U
Platform
Processor Options
Intel® Xeon® processor E5-2600 series on LGA2011 (Sandy
Bridge-EP or Ivy Bridge-EP)
Chipset
Intel C604 Chipset
OS Support
Windows Server 2003, 2008, Linux Kernel 2.6 or above
BIOS
AMI BIOS 64Mb
System Memory
Technology
Quad-channel DDR3 1066/1333/1600 MHz (Registered or
unbuffered, Ecc or non-ECC)
Max. Capacity
512GB (Registered) or 128 GB (Unbuffered)
Socket
16 x 240-pin DIMM
Storage
HDD Bays
12 x 3.5” HDD/SSD kit
CF/SD
1 x CF card Type II ast
Networking
Ethernet Ports
1x RJ-45 with LED for IPMI Management / Mgmt
Bypass
Depends on NIC module Bypass specification
Controllers
Intel Ethernet Controller, depends on NIC module specifica-
tion
Ethernet Modules
Two
Management Port
One, share with IPMI port
I/O Interface
Reset Button
Yes
Console
1 x RJ45
USB
2 x USB 2.0
IPMI
OPMA socket to support IPMI (IAC-AST2300)
Display
VGA support via optional IPMI
Expansion
PCIe
1 x PCI-E*8 full height PCI-E card in the front
1 x PCI-E*8 via riser card with I/O port in the rear
PCI
N/A
Cooling
Processor
2 x CPU heatsink with fan duct
System
3 x independent hot-swappable cooling Fans with smart fan
control
Environmental
Parameters
Temperature, ambient operating
/ storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient operating
and non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
128 x 32 text LCM with keypad
Watchdog
Yes
Internal RTC with Li Battery
Yes
Physical
Dimensions
Dimensions (WxHxD)
442 x 132 x 631 mm
Weight
35 kg
Power
Type / Watts
800 W Redundant Power Supply Units
Input
90~264V@47~63Hz
Approvals and Compliance
CE Class A, FCC Class A, RoHS
FX-3411A
2 x Intel® Xeon® E5-2600 series (Sandy/Ivy-Bridge-EP) processor + 12 bays for 3.5” HDD
with 2 Ethernet modules slot and one expansion slot in front, with CN1620
FX-3411B
2 x Intel® Xeon® E5-2600 series (Sandy/Ivy-Bridge-EP) processor + 12 bays for 3.5” HDD
with 2 Ethernet modules slot and one expansion slot in front, without CN1620
Compatible NIC Modules
Slim Module
Ports
Chipset
Bypass
NCS2-IGM427A
4 GbE RJ45
Intel® Cave Creek
2 pairs Gen2
NCS2-IGM427B
4 GbE RJ45
Intel® Cave Creek
N/A
NCS2-ISM405A
4 GbE SFP Fiber
Intel® I350-AM4
2 pairs
NCS2-IGM428A
4 GbE RJ45
Intel® i350AM-4
2 pairs Gen3
NCS2-IGM428B
4 GbE RJ45
Intel® i350AM-4
N/A
NCS2-ISM406A
4 GbE SFP Fiber
Intel® I350-AM4
N/A
NCS2-ISM802A
8 GbE SFP Fiber
2 x Intel® I350-AM4
N/A
NCS2-ITM202A
2 10G RJ45
2 x Intel® X540
N/A
NCS2-IXM204A
2 10G SFP+ Fiber
Intel® 82599ES
N/A
Optional Accessories
Part Number
Description
IAC-AST2300
IPMI Card
IAC-MVGA02Z
OPMA VGA Card
AV-ICE01
VPN Acceleration Card with Intel® Cave Creek 8910


Similar Part No. - FX-3411B

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
FX-3420 LANNER-FX-3420 Datasheet
1,003Kb / 2P
   2U 19??Rackmount Hyper-Converged Appliance Support Dual 2nd Gen Intel짰 Xeon짰 Processor Scalable Family (Cascade Lake-SP)
More results

Similar Description - FX-3411B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX-3710 ETC2-FX-3710 Datasheet
602Kb / 4P
   3U Cloud Storage Appliance with Two Intel짰 Xeon짰 E5-2600 Series Processors (Sandy/Ivy Bridge-EP)
HCP-72I1 ETC2-HCP-72I1 Datasheet
210Kb / 2P
   High Availability Hybrid Network Security Appliance with Two Mainboard with Intel짰 Xeon짰 E5-2600 v2 processors (Ivy Bridge) and 3 Networking I/O blades
logo
Advantech Co., Ltd.
MIC-5332 ADVANTECH-MIC-5332 Datasheet
1Mb / 2P
   AdvancedTCA짰 10GbE Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 Processors
logo
Intel Corporation
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Advantech Co., Ltd.
MIC-5342 ADVANTECH-MIC-5342_15 Datasheet
846Kb / 2P
   AdvancedTCA, Dual Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Telecom Applications
logo
List of Unclassifed Man...
FX-3210 ETC2-FX-3210 Datasheet
262Kb / 2P
   2U Rackmount Appliance With Support For Intel Sandy Bridge / Ivy Bridge Processors And Intel C206 Chipset
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
MIC-5345 ADVANTECH-MIC-5345_15 Datasheet
639Kb / 2P
   AdvancedTCA, Dual/Single Socket CPU Blade with Intel짰 Xeon짰 E5-2600 v3 Series Processors for Server and NFV Applications
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
   Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
CGS-6000 ADVANTECH-CGS-6000_15 Datasheet
207Kb / 1P
   2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com