Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8958B Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part # SM8958B
Description  256 bytes SRAM as standard 8052
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958B Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM8958B Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958B Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
SM8958B
8-Bit Micro-controller
32KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M085
Ver D SM8958B 08/07/2015
- 8 -
Pin Description
40L
PDIP
44L
PLCC
44L
PQFP
Symbol
I/O
Description
1
39
P4.2
I/O
Bit 2 of port 4
1
2
40
P1.0/T2
I/O
Bit 0 of port 1 & Timer 2 external input clock
2
3
41
P1.1/T2EX
I/O
Bit 1 of port 1 & Timer 2 capture trigger
3
4
42
P1.2/PWM0
I/O
Bit 2 of port 1 & PWM Channel 0
4
5
43
P1.3/PWM1
I/O
Bit 3 of port 1 & PWM Channel 1
5
6
44
P1.4
I/O
Bit 4 of port 1
6
7
1
P1.5
I/O
Bit 5 of port 1
7
8
2
P1.6/SCL
I/O
Bit 6 of port 1 & IIC SCL pin
8
9
3
P1.7/SDA
I/O
Bit 7 of port 1 & IIC SDA pin
9
10
4
RESET
I
Reset pin
10
11
5
P3.0/RXD
I/O
Bit 0 of port 3 & Serial interface channel receive data
12
6
P4.3
I/O
Bit 3 of port 4
11
13
7
P3.1/TXD
I/O
Bit 1 of port 3 & Serial interface channel Transmit data
12
14
8
P3.2/INT0
I/O
Bit 2 of port 3 & Interrupt 0
13
15
9
P3.3/INT1
I/O
Bit 3 of port 3 & Interrupt 1
14
16
10
P3.4/T0
I/O
Bit 4 of port 3 & Timer 0 external input
15
17
11
P3.5/T1
I/O
Bit 5 of port 3 & Timer 1 external input
16
18
12
P3.6/WR
I/O
Bit 6 of port 3 & external memory write
17
19
13
P3.7/RD
I/O
Bit 7 of port 3 & external memory read
18
20
14
XTAL2
I/O
Crystal output
19
21
15
XTAL1
I/O
Crystal input
20
22
16
VSS
I
Ground
23
17
P4.0
I/O
Bit 0 of port 4
21
24
18
P2.0/A8
I/O
Bit 0 of port 2 & bit 8 of external memory address
22
25
19
P2.1/A9
I/O
Bit 1 of port 2 & bit 9 of external memory address
23
26
20
P2.2/A10
I/O
Bit 2 of port 2 & bit 10 of external memory address
24
27
21
P2.3/A11
I/O
Bit 3 of port 2 & bit 11 of external memory address
25
28
22
P2.4/A12
I/O
Bit 4 of port 2 & bit 12 of external memory address
26
29
23
P2.5/A13
I/O
Bit 5 of port 2 & bit 13 of external memory address
27
30
24
P2.6/A14
I/O
Bit 6 of port 2 & bit 14 of external memory address
28
31
25
P2.7/A15
I/O
Bit 7 of port 2 & bit 15 of external memory address
29
32
26
PSEN
O
program storage enable
30
33
27
ALE
O
address latch enable
34
28
P4.1
I/O
Bit 1 of port 4
31
35
29
EA
I
external access
32
36
30
P0.7/AD7
I/O
Bit 7 of port 0 & data/address bit 7 of external memory
33
37
31
P0.6/AD6
I/O
Bit 6 of port 0 & data/address bit 6 of external memory
34
38
32
P0.5/AD5
I/O
Bit 5 of port 0 & data/address bit 5 of external memory
35
39
33
P0.4/AD4
I/O
Bit 4 of port 0 & data/address bit 4 of external memory
36
40
34
P0.3/AD3
I/O
Bit 3 of port 0 & data/address bit 3 of external memory
37
41
35
P0.2/AD2
I/O
Bit 2 of port 0 & data/address bit 2 of external memory
38
42
36
P0.1/AD1
I/O
Bit 1 of port 0 & data/address bit 1 of external memory
39
43
37
P0.0/AD0
I/O
Bit 0 of port 0 & data/address bit 0 of external memory
40
44
38
VDD
I
Power supply


Similar Part No. - SM8958B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results

Similar Description - SM8958B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
SM5954 SYNCMOS-SM5954 Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
ATMEL Corporation
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC80251G2D ATMEL-TSC80251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
logo
List of Unclassifed Man...
M0518 ETC2-M0518 Datasheet
1Mb / 72P
   36/68 Kbytes flash, 8K bytes SRAM
logo
STMicroelectronics
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com