Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5958 Datasheet(PDF) 6 Page - SyncMOS Technologies,Inc

Part # SM5958
Description  Enhance user code protection
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5958 Datasheet(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM5958 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5958 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
SM5958
8-Bit Micro-controller
32KB with ISP Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M089
Ver C SM5958 04/17/2015
- 6 -
44 Pin PQFP
T2/P1.0
T2EX/P1.1
PWM0/P1.2
PWM1/P1.3
P1.4
P4.2
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P4.0
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8
VDD
AD0/P0.0
AD1/P0.1
AD2/P0.2
AD3/P0.3
13
14
15
12
22
21
20
19
18
17
16
43
44
34
35
36
38
39
40
41
42
37
SM5958
ihhQP
YWW
(44L PQFP Top View)


Similar Part No. - SM5958

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
More results

Similar Description - SM5958

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W2L001WL PARALIGHT-EP501W2L001WL Datasheet
178Kb / 13P
   Enhance Power LED
EP503WYL095WHR PARALIGHT-EP503WYL095WHR Datasheet
200Kb / 13P
   Enhance Power LED
logo
STMicroelectronics
AN3429 STMICROELECTRONICS-AN3429 Datasheet
66Kb / 5P
   STM32 proprietary code protection overview
logo
PARA LIGHT ELECTRONICS ...
EP501WYL061WHR2 PARALIGHT-EP501WYL061WHR2 Datasheet
280Kb / 13P
   Enhance Power LED
EP503IR4L017W PARALIGHT-EP503IR4L017W Datasheet
168Kb / 12P
   Enhance Power LED
logo
PHOENIX CONTACT
2700972 PHOENIX-2700972 Datasheet
56Kb / 2P
   Access protection with user management
logo
PARA LIGHT ELECTRONICS ...
EP503IR4L077W PARALIGHT-EP503IR4L077W Datasheet
169Kb / 12P
   Enhance Power LED
EP501WYL002WH PARALIGHT-EP501WYL002WH Datasheet
279Kb / 13P
   Enhance Power LED
EP501WYL002WHR PARALIGHT-EP501WYL002WHR Datasheet
200Kb / 13P
   Enhance Power LED
EP501YL006W PARALIGHT-EP501YL006W Datasheet
257Kb / 12P
   Enhance Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com