Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM59A16U1 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part # SM59A16U1
Description  Instruction-set compatible with MCS-51
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59A16U1 Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM59A16U1 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59A16U1 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
SM59A16U1
8-Bit Micro-controller
64KB with ISP Flash
& 6K+256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M071
Ver A SM59A16U1 04/12/2013
- 8 -
Pin Configuration
48 Pin LQFP
43
44
45
46
47
48
13
14
15
23
22
21
20
19
18
17
16
38
39
40
41
42
DP
CAP
CC0/T2/ADC0/P1.0
CC1/T2EX/ADC1/P1.1
DM
AVDDU
P3.0/RXD0
P3.1/TXD0
P3.2/INT0/TRIGADC
P3.3/INT1
RESET
VSSALL
XTAL2
P2.2/A10/KBI2/Op1Out(Cmp1Out)/CC2
P2.1/A9/KBI1/CC1
P2.0/A8/KBI0/CC0
XTAL1
P4.5/ALE/CLKOUT
AVDD_ADC
PWM0/KBI0/AD0/P0.0
PWM1/KBI1/AD1/P0.1
PWM2/KBI2/AD2/P0.2 37
24
P2.3/A11/KBI3/Op1NIn/CC3
SyncMOS
SM59A16U1U48VP
IhhVP
yymmv
(48L LQFP Top View)
VDD
Notes:
(1) To avoid accidentally entering ISP-Mode(refer to section 18.4), care must be taken not asserting pulse signal at
RXD P1.0 during power-up while P3.4 are set to high.
(2) To apply ICP function, OCI_SDA/P4.6 and OCI_SCL/P4.4 must be set to Bi-direction mode if they are configured
as GPIO in system.


Similar Part No. - SM59A16U1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
   compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902 NPC-SM5902 Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
   Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
   compression and non compression type shock-proof memory controller
More results

Similar Description - SM59A16U1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
   Instruction set compatible with previous Blackfin products
logo
Intel Corporation
MCS-51 INTEL-MCS-51 Datasheet
976Kb / 16P
   MCS-51 and MCS-96 Packaging Information
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com