Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9971G-D08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP9971G-D08-T
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP9971G-D08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UP9971G-D08-T Datasheet HTML 1Page - Unisonic Technologies UP9971G-D08-T Datasheet HTML 2Page - Unisonic Technologies UP9971G-D08-T Datasheet HTML 3Page - Unisonic Technologies UP9971G-D08-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP9971
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-294.D
5A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UP9971 uses UTC’s advanced technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for being used as a load
switch or in PWM applications.
FEATURES
* RDS(ON)<60 mΩ @ VGS=10V, ID=5A
* RDS(ON)<72 mΩ @ VGS=4.5V, ID=2.5A
* Ultra low gate charge ( typical 32.5 nC )
* Low reverse transfer Capacitance ( CRSS = typical 109 pF )
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
(7) (8)
1.Drain
(4)
2.Gate
(2)
1.Gate
(1)
1.Source
(3)
2.Source
(5) (6)
2.Drain
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
6
7
8
Packing
UP9971L-D08-T
UP9971G-D08-T
DIP-8
S G S G D D D D
Tube
-
UP9971G-S08-R
SOP-8
S G S G D D D D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UP9971G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP9971G-D08-T UTC-UP9971G-D08-T Datasheet
211Kb / 4P
   5A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - UP9971G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
   N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com