Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1010EL-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF1010EL-TF1-T
Description  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF1010EL-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UF1010EL-TF1-T Datasheet HTML 1Page - Unisonic Technologies UF1010EL-TF1-T Datasheet HTML 2Page - Unisonic Technologies UF1010EL-TF1-T Datasheet HTML 3Page - Unisonic Technologies UF1010EL-TF1-T Datasheet HTML 4Page - Unisonic Technologies UF1010EL-TF1-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UF1010E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-306.D
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=250 μA
60
V
Drain-Source Leakage Current
IDSS
VDS=60 V,VGS=0 V
25
μA
VDS=48 V,VGS=0 V,TJ=150°C
250
μA
Gate-Source Leakage Current
IGSS
VGS=±20 V, VDS=0 V
±100
nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ Reference to 25°C, ID=1mA
0.064
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250 μA
2.0
4.0
V
Static Drain-Source On Resistance(Note)
RDS(ON)
VGS=10 V, ID=50 A
12
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25 V, VGS=0 V,f=1MHz
3210
pF
Output Capacitance
COSS
690
pF
Reverse Transfer Capacitance
CRSS
140
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
ID =50A,VDS =48V,VGS =10V
130
nC
Gate-to-Source Charge
QGS
28
nC
Gate-to-Drain ("Miller") Charge
QGD
44
nC
Turn ON Delay Time
tD(ON)
VDD =30V,ID =50A,RG =3.6Ω
VGS = 10V
12
ns
Turn ON Rise Time
tR
78
ns
Turn OFF Delay Time
tD(OFF)
48
ns
Turn OFF Fall Time
tF
53
ns
Internal Drain Inductance
LD
4.5
nH
Internal Source Inductance
LS
7.5
nH
Diode Forward Voltage
VSD
TJ = 25°C, IS = 50A,VGS = 0V
1.3
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
84
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
330
A
Reverse Recovery Time
trr
TJ=25°C,IF=50A,
di/dt=100A/μs
73
110
ns
Reverse Recovery Charge
QRR
220
330
nC
Note: Pulse width ≤ 400μs; duty cycle ≤ 2%.


Similar Part No. - UF1010EL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF1010EL-TF1-T UTC-UF1010EL-TF1-T Datasheet
195Kb / 5P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF1010EL-TF1-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com