Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3205 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF3205
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3205 Datasheet(HTML) 5 Page - Unisonic Technologies

  UF3205_15 Datasheet HTML 1Page - Unisonic Technologies UF3205_15 Datasheet HTML 2Page - Unisonic Technologies UF3205_15 Datasheet HTML 3Page - Unisonic Technologies UF3205_15 Datasheet HTML 4Page - Unisonic Technologies UF3205_15 Datasheet HTML 5Page - Unisonic Technologies UF3205_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UF3205
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-304.D
TEST CIRCUITS AND WAVEFORMS (Cont.)
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
2A Switching Test Circuit
2B Switching Waveforms
VD
Charge
QGS
QGD
QG
VGS
3A Gate Charge Test Circuit
3B Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
4A Unclamped Inductive Switching Test Circuit
4B Unclamped Inductive Switching Waveforms


Similar Part No. - UF3205_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF3205G-TA3-T UTC-UF3205G-TA3-T Datasheet
196Kb / 5P
   HEXFET POWER MOSFET
UF3205L-TA3-T UTC-UF3205L-TA3-T Datasheet
196Kb / 5P
   HEXFET POWER MOSFET
logo
VBsemi Electronics Co.,...
UF3205L-TA3-T VBSEMI-UF3205L-TA3-T Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - UF3205_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UP672 UTC-UP672 Datasheet
162Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com