Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N40L-TA3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4N40L-TA3-T
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N40L-TA3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  4N40L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 4N40L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 4N40L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 4N40L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 4N40L-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4N40
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-550.D
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
UNI
T
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=250µA, VGS=0V
400
V
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
µA
VDS=320V, TC=125°С
100
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON) VGS=10V, ID=2A
1.8
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
315
pF
Output Capacitance
COSS
120
pF
Reverse Transfer Capacitance
CRSS
40
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25Ω
(Note 2, 3)
30
ns
Rise Time
tR
60
ns
Turn-OFF Delay Time
tD(OFF)
100
ns
Fall-Time
tF
68
ns
Total Gate Charge
QG
VDD=50V, ID=1.3A, VGS=10V, IG=100µA
18.5
30
nC
Gate-Source Charge
QGS
4.5
nC
Gate-Drain Charge
QGD
5.5
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=4A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
IS=4A, VGS=0V, dIF/dt=100A/µs(Note 2)
800
ns
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
3. Essentially independent of operating temperature


Similar Part No. - 4N40L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N40L-TA3-T UTC-4N40L-TA3-T Datasheet
153Kb / 3P
   4A, 400V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
   N-Channel 600 V (D-S) Power MOSFET
More results

Similar Description - 4N40L-TA3-T

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
KTX598TF KEC-KTX598TF Datasheet
37Kb / 2P
   N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTD351 UTC-UTD351_15 Datasheet
334Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520 UTC-UF520_15 Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10 UTC-UTT10N10_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com