Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N40G-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3N40G-TF3-T
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N40G-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  3N40G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-553.d
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 3N40G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N40G-TF3-T UTC-3N40G-TF3-T Datasheet
198Kb / 6P
   3A, 400V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N40G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
   N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com