Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5028C7 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # 5028C7
Description  0.8V operation Crystal Oscillator Module ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028C7 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button 5028C7 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 11Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 12Page - Nippon Precision Circuits Inc 5028C7 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —9
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the Q output becomes high impedance.
Power-saving Pull-up Resistor
The INHN pin pull-up resistance RUP1 or RUP2 changes in response to the input level (HIGH or LOW). When
INHN is tied LOW level, the pull-up resistance is large (RUP1), reducing the current consumed by the resis-
tance. When INHN is left open circuit, the pull-up resistance is small (RUP2), which increases the input suscep-
tibility to external noise. However, the pull-up resistance ties the INHN pin HIGH level to prevent external
noise from unexpectedly stopping the output.
Oscillation Detector Function
The WF5028 series also feature an oscillation detector circuit. This circuit functions to disable the outputs until
the oscillator circuit starts and oscillation becomes stable. This alleviates the danger of abnormal oscillator out-
put at oscillator start-up when power is applied or when INHN is switched.
INHN
Q
Oscillator
HIGH (or open)
Frequency output
Normal operation
LOW
High impedance
Stopped


Similar Part No. - 5028C7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
502862-2 TEC-502862-2 Datasheet
312Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
5028883 PHOENIX-5028883 Datasheet
68Kb / 2P
   UEG-EU-VS
More results

Similar Description - 5028C7

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
   2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
   1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com