Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW-7540B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FW-7540B
Description  Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7540B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7540B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7540B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
FW-7540
Desktop / Half-rack Network Appli-
ance with Intel Atom D425 or Dual
Core D525
Features
Intel Atom D425 or Dual Core
D525 Processor
The 1.8GHz Intel Atom processor
D425 single-core and D525 dual-
core boost performance with
higher CPU frequencies for faster
storage processing.
Expansion and bandwidth
Capabilities
In addition to the CompactFlash
slot, FW-7540 is equipped with
one optional 2.5” HDD bay for
storage expansion. Further expan-
sion is possible with the availabil-
ity of one Mini-PCIe (with PCI-E*1
and USB signal).
Watchdog
The embedded watchdog moni-
tors the system so that it can
automatically trigger a reset if
software hangs. This is an essen-
tial feature of a network appli-
ance.
Real Time Clock with LI
Battery
All Lanner network appliances
feature a real time clock that
keeps ticking no matter if it’s on
or off with the help of a LI bat-
tery.
4 x GbE RJ45
2 x USB
Console Port
Dimensions: 215.5 x 44 x 190 mm
Bypass
Bypass is a feature that can
come with pairs of ports, al-
lowing for uninterrupted traffic
to flow around a single appli-
ance, when that said appliance
is offline or shut off. Usually
when the in-line appliance loses
215.5
44
189.7
power, is disconnected, or oth-
erwise fails, the bypassed ports
passes traffic directly between
its network ports, bypassing
the failed appliance for
uninterrupted flow down the
network link.


Similar Part No. - FW-7540B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541A ETC2-FW-7541A Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541B ETC2-FW-7541B Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541C ETC2-FW-7541C Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7541D ETC2-FW-7541D Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
More results

Similar Description - FW-7540B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
logo
AAEON Technology
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
logo
List of Unclassifed Man...
FW-7535 ETC2-FW-7535 Datasheet
127Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel Atom CPU and Six Network Ports
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
   Intel Atom D525 Dual Core, 1.80GHz
logo
AAEON Technology
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
ETX-LN AAEON-ETX-LN Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom D525/N455/D425 Processor
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
   Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
AAEON Technology
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 Series
logo
List of Unclassifed Man...
FW-7568 ETC2-FW-7568 Datasheet
196Kb / 2P
   Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com