Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5027 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # 5027
Description  Crystal Oscillator Module ICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5027 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  5027 Datasheet HTML 1Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 2Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5027 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
5027 series
SEIKO NPC CORPORATION —1
Crystal Oscillator Module ICs
OVERVIEW
The 5027 series are miniature crystal oscillator module ICs. The oscillator circuit stage has voltage regulator
drive, significantly reducing current consumption and crystal current, compared with existing devices, and sig-
nificantly reducing the oscillator characteristics supply voltage dependency. There are 3 pad layout package
options available for optimized mounting, making these devices ideal for miniature crystal oscillators.
FEATURES
I
Wide range of operating supply voltage: 1.60 to 3.63V
I
Regulated voltage drive oscillator circuit for reduced
power consumption and crystal drive current
I
Optimized low crystal drive current oscillation for
miniature crystal units
I
3 pad layout options for mounting
• 5027A
×, M× series: for Flip Chip Bonding
• 5027B
×, N× series : for Wire Bonding (type I)
• 5027C
×, P× series : for Wire Bonding (type II)
I
Recommended oscillation frequency range
For fundamental oscillator
• Low frequency version : 20MHz to 60MHz
• High frequency version: 60MHz to 100MHz
For 3rd overtone oscillator
• Low frequency version : 40MHz to 110MHz
I
Multi-stage frequency divider for low-frequency
output support: 0.9MHz (min)
I
Frequency divider built-in (for fundamental oscil-
lator)
• Selectable by version: fO, fO/2, fO/4, fO/8, fO/16,
fO/32, fO/64
I
−40 to 85°C operating temperature range
I
Standby function
• High impedance in standby mode, oscillator
stops
I
CMOS output duty level (1/2VDD)
I
50 ± 5% output duty
I
15pF output drive capability
I
Wafer form (WF5027
××)
Chip form (CF5027
××)
APPLICATIONS
I
3.2
× 2.5, 2.5 × 2.0, 2.0 × 1.6 size miniature crystal oscillator modules
ORDERING INFORMATION
Device
Package
WF5027
××–4
Wafer form
CF5027
××–4
Chip form


Similar Part No. - 5027

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
502702-0891 TI1-502702-0891 Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
Molex Electronics Ltd.
5027020891 MOLEX1-5027020891 Datasheet
34Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
502730-5501 MOLEX11-502730-5501 Datasheet
90Kb / 1P
   CMX Wire Cap for 55 Circuits
502730-6501 MOLEX11-502730-6501 Datasheet
70Kb / 1P
   CMX Wire Cap for 65 Circuits
More results

Similar Description - 5027

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com