Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

151_002 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 151_002
Description  Molded Audio Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

151_002 Datasheet(HTML) 1 Page - Glenair, Inc.

  151_002_15 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
© 2014 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
SERIES 151 STANDARD MIL-DTL-55116 TYPE
Molded Audio Plug
151-002 • M55116/5 - /8 Type • U-182
No. of
Contacts
Contact
Type
Ø Cable
± .010
MIL SPEC
Part Number
Glenair
Part Number
Mates With
5
Crimp
.165
M55116/5-1
151-002-1-1
152-003-1
152-004-1
152-004-3
152-007-5
151-003-1
151-004-1
151-004-3
.228
M55116/5-2
151-002-1-2
.250
M55116/5-3
151-002-1-3
.290
M55116/5-4
151-002-1-4
.320
M55116/5-5
151-002-1-5
6
Crimp
.165
M55116/6-1
151-002-2-1
152-003-2
152-004-2
152-004-4
152-007-6
151-003-2
151-004-2
151-004-4
.228
M55116/6-2
151-002-2-2
.250
M55116/6-3
151-002-2-3
.290
M55116/6-4
151-002-2-4
.320
M55116/6-5
151-002-2-5
5
Solder Cup
.165
M55116/7-1
151-002-3-1
152-003-1
152-004-1
152-004-3
152-007-5
151-003-1
151-004-1
151-004-3
.228
M55116/7-2
151-002-3-2
.250
M55116/7-3
151-002-3-3
.290
M55116/7-4
151-002-3-4
.320
M55116/7-5
151-002-3-5
6
Solder Cup
.165
M55116/8-1
151-002-4-1
152-003-2
152-004-2
152-004-4
152-007-6
151-003-2
151-004-2
151-004-4
.228
M55116/8-2
151-002-4-2
.250
M55116/8-3
151-002-4-3
.290
M55116/8-4
151-002-4-4
.320
M55116/8-5
151-002-4-5
Series 151 MIL-DTL-55116 Type molded audio plugs are designed for overmolding in cable
cordsets for high-reliability, severe environment radio communications equipment, and are not
field-serviceable. They are available in 5 pin and 6 pin configurations, with crimp sleeve or solder
cup terminals. Shells are made of nylon overmolded passivated stainless steel, contacts are gold
plated copper alloy. Plug connector contacts are sealed in the unmated condition.
U-182 Plug,
5 Crimp Contacts
U-182 Plug,
6 Crimp Contacts
U-182 Plug,
5 Solder Cup
Contacts
U-182 Plug,
6 Solder Cup
Contacts
FLAT IN KNURLING
.095 REF
1.308 REF
Ø
.836
.826


Similar Part No. - 151_002_15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
151-002-1-1 GLENAIR-151-002-1-1 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
151-002-1-2 GLENAIR-151-002-1-2 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
151-002-1-3 GLENAIR-151-002-1-3 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
151-002-1-4 GLENAIR-151-002-1-4 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
151-002-1-5 GLENAIR-151-002-1-5 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
More results

Similar Description - 151_002_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-2541-WT CUI-SP-2541-WT Datasheet
268Kb / 3P
   AUDIO PLUG
SP-3544-WT CUI-SP-3544-WT Datasheet
278Kb / 3P
   AUDIO PLUG
SP-3561G CUI-SP-3561G Datasheet
459Kb / 3P
   AUDIO PLUG
MP-2511 CUI-MP-2511 Datasheet
271Kb / 3P
   AUDIO PLUG
MP-2522-01 CUI-MP-2522-01 Datasheet
267Kb / 3P
   AUDIO PLUG
MP-3502 CUI-MP-3502 Datasheet
270Kb / 3P
   AUDIO PLUG
logo
List of Unclassifed Man...
AP-176 ETC1-AP-176 Datasheet
171Kb / 1P
   AUDIO PLUG
logo
CUI INC
SP-2541 CUI-SP-2541 Datasheet
278Kb / 3P
   AUDIO PLUG
SP-2544 CUI-SP-2544 Datasheet
284Kb / 3P
   AUDIO PLUG
SP-2544A CUI-SP-2544A Datasheet
266Kb / 3P
   AUDIO PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com