Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_501 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # 050_501
Description  Copper to Fiber Aggregation Media Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_501 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button 050_501 Datasheet HTML 4Page - Glenair, Inc. 050_501 Datasheet HTML 5Page - Glenair, Inc. 050_501 Datasheet HTML 6Page - Glenair, Inc. 050_501 Datasheet HTML 7Page - Glenair, Inc. 050_501 Datasheet HTML 8Page - Glenair, Inc. 050_501 Datasheet HTML 9Page - Glenair, Inc. 050_501 Datasheet HTML 10Page - Glenair, Inc. 050_501 Datasheet HTML 11Page - Glenair, Inc. 050_501 Datasheet HTML 12Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 8 of 13
E-mail: sales@glenair.com
050-501
Copper to Fiber 12 Channel RS422/485 Media Converter
Flange Mount
Ratings and Specifications – S VERSION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.5
45
V
1 second maximum
OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature
Top
-40
+75
°C
Supply Voltage
Vcc
5
28
36
V
Supply Current
Icc
100
150
mA
@28VDC
Power Supply Noise (Peak-Peak)
Vcc ripple
200
mV
OPTICAL CHARACTERISTICS – TRANSMITTER (3.2 GBPS)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power
POUT
-9.5
-4
dBm
VCSEL, 62.5/125µm MM
Extinction Ratio
Er
8
dB
Optical Wavelength
λ
OUT
830
850
860
nm
Spectral Width
Δλ
0.85
nm
OPTICAL CHARACTERISTICS – RECEIVER (3.2 GBPS)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Sensitivity (Input Power Range)
PIN OP
-16
-2
dBm
Sensitivity, BER 10
-12, PRBS 2-7-1,
8dB Er
PIN_MIN
-21
-16
dBm
PIN PD
Overload, BER 10
-12, PRBS 2-7-1
PIN MAX
-2
-1
dBm
Optical Wavelength
λ
IN
770
850
860
nm


Similar Part No. - 050_501

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results

Similar Description - 050_501

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com