Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9633 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9633
Description  4-bit Fm I2C-bus LED driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9633 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9633 Datasheet HTML 3Page - NXP Semiconductors PCA9633 Datasheet HTML 4Page - NXP Semiconductors PCA9633 Datasheet HTML 5Page - NXP Semiconductors PCA9633 Datasheet HTML 6Page - NXP Semiconductors PCA9633 Datasheet HTML 7Page - NXP Semiconductors PCA9633 Datasheet HTML 8Page - NXP Semiconductors PCA9633 Datasheet HTML 9Page - NXP Semiconductors PCA9633 Datasheet HTML 10Page - NXP Semiconductors PCA9633 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
PCA9633_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 July 2008
7 of 43
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
[1]
HVQFN16 package die supply ground is connected to both the VSS pin and the exposed center pad. The
VSS pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical,
and board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Table 4.
Pin description for SO16 and TSSOP16
Symbol
Pin
Type
Description
A0
1
I
address input 0
A1
2
I
address input 1
LED0
3
O
LED driver 0
LED1
4
O
LED driver 1
LED2
5
O
LED driver 2
LED3
6
O
LED driver 3
A2
7
I
address input 2
A3
8
I
address input 3
VSS
9
power supply
supply ground
OE
10
I
active LOW Output Enable
A4
11
I
address input 4
SCL
12
I
serial clock line
SDA
13
I/O
serial data line
A5
14
I
address input 5
A6
15
I
address input 6
VDD
16
power supply
supply voltage
Table 5.
Pin description for HVQFN16
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
A2
5
I
address input 2
A3
6
I
address input 3
VSS[1]
7
power supply
supply ground
OE
8
I
active LOW Output Enable
A4
9
I
address input 4
SCL
10
I
serial clock line
SDA
11
I/O
serial data line
A5
12
I
address input 5
A6
13
I
address input 6
VDD
14
power supply
supply voltage
A0
15
I
address input 0
A1
16
I
address input 1


Similar Part No. - PCA9633

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633 Datasheet
223Kb / 42P
   4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
PCA9633 NXP-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 NXP-PCA9633 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9633BS NXP-PCA9633BS Datasheet
223Kb / 42P
   4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
PCA9633BS NXP-PCA9633BS Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
More results

Similar Description - PCA9633

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 NXP-PCA9633 Datasheet
223Kb / 42P
   4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
logo
NXP Semiconductors
PCA9632 NXP-PCA9632 Datasheet
212Kb / 38P
   4-bit Fm I2C-bus low power LED driver
Rev. 03-15 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com