Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9952Q900 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA9952Q900
Description  16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9952Q900 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA9952Q900 Datasheet HTML 22Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 23Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 24Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 25Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 26Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 27Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 28Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 29Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
PCA9952Q900_PCA9955Q900
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2013
26 of 45
NXP Semiconductors
PCA9952/Q900; PCA9955/Q900
16-channel Fm+ I2C-bus 57 mA constant current LED driver, AEC-Q100
8.3 Acknowledge
The number of data bytes transferred between the START and the STOP conditions from
transmitter to receiver is not limited. Each byte of eight bits is followed by one
acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter,
whereas the master generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of
each byte. Also a master must generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter. The device that acknowledges has to
pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable
LOW during the HIGH period of the acknowledge related clock pulse; set-up time and hold
time must be taken into account.
A master receiver must signal an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of the slave. In this event, the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
Fig 12. System configuration
002aaa966
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
SDA
SCL
I2C-BUS
MULTIPLEXER
SLAVE
Fig 13. Acknowledgement on the I2C-bus
002aaa987
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from master


Similar Part No. - PCA9952Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9952 NXP-PCA9952 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
More results

Similar Description - PCA9952Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
   24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
logo
Texas Instruments
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9745B NXP-PCA9745B_V01 Datasheet
1Mb / 48P
   16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1.1-10 June 2020
PCA9745B NXP-PCA9745B Datasheet
1Mb / 48P
   16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCU9956A NXP-PCU9956A Datasheet
1Mb / 50P
   24-channel UFm 5 MHz I2C-bus 57 mA/20 V constant current LED driver
Rev. 2-29 June 2015
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
[Old version datasheet]   8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com