Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9952Q900 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9952Q900
Description  16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9952Q900 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9952Q900 Datasheet HTML 7Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 8Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 9Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 10Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 11Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 12Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 13Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 14Page - NXP Semiconductors PCA9952Q900 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
PCA9952Q900_PCA9955Q900
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2013
11 of 45
NXP Semiconductors
PCA9952/Q900; PCA9955/Q900
16-channel Fm+ I2C-bus 57 mA constant current LED driver, AEC-Q100
If MODE1 register bit AI1 = 0 and AI0 = 1 and if the Control register = 1000 0101, then the
register addressing sequence will be (in hexadecimal):
05
 06  …  19  0A  0B  …  19  0A  0B  … as long as the master
keeps sending or reading data.
Remark: Writing to registers marked ‘not used’ will return NACK.
7.3 Register definitions
Table 6.
Register summary[1]
Register
number
(hexadecimal)
D6
D5
D4
D3
D2
D1
D0
Name
Type
Function
00h
0000000MODE1
read/write
Mode register 1
01h
0000001MODE2
read/write
Mode register 2
02h
0000010LEDOUT0
read/write
LEDn output state 0
03h
0000011LEDOUT1
read/write
LEDn output state 1
04h
0000100LEDOUT2
read/write
LEDn output state 2
05h
0000101LEDOUT3
read/write
LEDn output state 3
06h
0000110-
read/write
not used[1]
07h
0000111-
read/write
not used[1]
08h
0001000GRPPWM
read/write
group duty cycle control
09h
0001001GRPFREQ
read/write
group frequency
0Ah
0001010PWM0
read/write
brightness control LED0
0Bh
0001011PWM1
read/write
brightness control LED1
0Ch
0001100PWM2
read/write
brightness control LED2
0Dh
0001101PWM3
read/write
brightness control LED3
0Eh
0001110PWM4
read/write
brightness control LED4
0Fh
0001111PWM5
read/write
brightness control LED5
10h
0010000PWM6
read/write
brightness control LED6
11h
0010001PWM7
read/write
brightness control LED7
12h
0010010PWM8
read/write
brightness control LED8
13h
0010011PWM9
read/write
brightness control LED9
14h
0010100PWM10
read/write
brightness control LED10
15h
0010101PWM11
read/write
brightness control LED11
16h
0010110PWM12
read/write
brightness control LED12
17h
0010111PWM13
read/write
brightness control LED13
18h
0011000PWM14
read/write
brightness control LED14
19h
0011001PWM15
read/write
brightness control LED15
1Ah to 21h
--------
read/write
not used[1]
22h
0100010IREF0
read/write
output gain control register 0
23h
0100011IREF1
read/write
output gain control register 1
24h
0100100IREF2
read/write
output gain control register 2
25h
0100101IREF3
read/write
output gain control register 3
26h
0100110IREF4
read/write
output gain control register 4


Similar Part No. - PCA9952Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9952 NXP-PCA9952 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
More results

Similar Description - PCA9952Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
   24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
logo
Texas Instruments
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9745B NXP-PCA9745B_V01 Datasheet
1Mb / 48P
   16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1.1-10 June 2020
PCA9745B NXP-PCA9745B Datasheet
1Mb / 48P
   16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCU9956A NXP-PCU9956A Datasheet
1Mb / 50P
   24-channel UFm 5 MHz I2C-bus 57 mA/20 V constant current LED driver
Rev. 2-29 June 2015
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
[Old version datasheet]   8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com