Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S1ULD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0S1ULD
Description  Unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0S1ULD Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0S1ULD Datasheet HTML 1Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 2Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 3Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD5V0S1ULD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 19 October 2010
4 of 12
NXP Semiconductors
PESD5V0S1ULD
Unidirectional ESD protection diode
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
μs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to pin 2.
[3]
Non-repetitive current pulse; Transmission Line Pulse (TLP) tp = 100 ns; square pulse;
ANSI/ESD STM5.1-2008.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
5.0
V
IRM
reverse leakage current
VRWM =5.0 V
-
0.1
1
μA
VBR
breakdown voltage
IR = 5 mA
6.46.8
7.2V
Cd
diode capacitance
f = 1 MHz;
VR =0V
-
152
200
pF
VCL
clamping voltage
[1][2]
IPP =1A
-
-
9
V
IPP =15A
-
-
20
V
rdyn
dynamic resistance
IR =10 A
[2][3] -0.3
-
Ω
Tamb =25 °C
Fig 4.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 5.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
tp (μs)
1103
102
10
006aac483
103
102
104
PPP
(W)
10
Tj (°C)
0
200
150
50
100
001aaa633
0.4
0.8
1.2
PPP
0
PPP(25°C)


Similar Part No. - PESD5V0S1ULD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1ULD NEXPERIA-PESD5V0S1ULD Datasheet
262Kb / 12P
   Unidirectional ESD protection diode
19 July 2019
More results

Similar Description - PESD5V0S1ULD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
   Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
   Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
   Unidirectional ESD protection diode
PESD24VS1ULS NEXPERIA-PESD24VS1ULS Datasheet
227Kb / 11P
   Unidirectional ESD protection diode
28 January 2021
PESD15VS1ULD NEXPERIA-PESD15VS1ULD Datasheet
871Kb / 12P
   Unidirectional ESD protection diode
Rev. 1 - 11 May 2011
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
   Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com