Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4403MJA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4403MJA
Description  1.5A High-Speed, Floating Load Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403MJA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4403MJA Datasheet HTML 3Page - Microchip Technology TC4403MJA Datasheet HTML 4Page - Microchip Technology TC4403MJA Datasheet HTML 5Page - Microchip Technology TC4403MJA Datasheet HTML 6Page - Microchip Technology TC4403MJA Datasheet HTML 7Page - Microchip Technology TC4403MJA Datasheet HTML 8Page - Microchip Technology TC4403MJA Datasheet HTML 9Page - Microchip Technology TC4403MJA Datasheet HTML 10Page - Microchip Technology TC4403MJA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2002 Microchip Technology Inc.
DS21417B-page 7
TC4403
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4
6
8
10
12
14
16
18
Rise Time vs. Supply Voltage
100
80
60
40
20
0
p
1000pF
p
p
4700pF
3300pF
470pF
p
1500pF
p
p
2200pF
TA
°C
VDD (V)
Rise Time vs. Capacitive Load
100
1000
10,000
CLOAD (pF)
5V
10V
15V
100
80
60
40
20
0
TA = +25°C
Rise and Fall Times vs.
Temperature
32
30
28
26
24
22
20
18
-55 -35
5
25
45
65
85 105 125
-15
TEMPERATURE (
°C)
tFALL
tRISE
tFALL
tRISE
C
= 2200pF
V
= 18V
4
6
8
10
12
14
16
18
Fall Time vs. Supply Voltage
100
80
60
40
20
0
p
1000pF
1500pF
p
p
p
4700pF
3300pF
p
p
2200pF
4
4
470pF
VDD (V)
TA = +25°C
Fall Time vs. Capacitive Load
100
1000
10,000
5V
10V
15V
100
80
60
40
20
0
TA = +25°C
CLOAD (pF)
Propagation Delay vs.
Input Amplitude
100
80
60
40
20
INPUT (V)
0
1
2
3
4
5
6
7
8
9 10 11 12
tD1
tD2
C
= 2200pF
VDD


Similar Part No. - TC4403MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403MJA TELCOM-TC4403MJA Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403MJA MICROCHIP-TC4403MJA Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results

Similar Description - TC4403MJA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
logo
List of Unclassifed Man...
SG1629 ETC1-SG1629 Datasheet
254Kb / 4P
   HIGH CURRENT FLOATING SWITCH DRIVER
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
logo
Molex Electronics Ltd.
62202-0222 MOLEX11-62202-0222 Datasheet
36Kb / 1P
   Floating High-Speed Docking Header Insertion Tool
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com