Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP001031312 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # SP001031312
Description  Analog Absolute Pressure Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP001031312 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button SP001031312 Datasheet HTML 10Page - Infineon Technologies AG SP001031312 Datasheet HTML 11Page - Infineon Technologies AG SP001031312 Datasheet HTML 12Page - Infineon Technologies AG SP001031312 Datasheet HTML 13Page - Infineon Technologies AG SP001031312 Datasheet HTML 14Page - Infineon Technologies AG SP001031312 Datasheet HTML 15Page - Infineon Technologies AG SP001031312 Datasheet HTML 16Page - Infineon Technologies AG SP001031312 Datasheet HTML 17Page - Infineon Technologies AG SP001031312 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
KP229E3111
Analog Absolute Pressure Sensor
Functional Description
Data Sheet
14
Revision 1.0, 2012-07-27
Note: Ratiometric signal error is not included in the overall accuracy. For error measurements, the supply voltage
must have the nominal value (
V
DD = VDD,Typ).
The error band is determined by three continuous lines through four relevant breakpoints.
Figure 5
Accuracy for pressure acquisition
Table 4
Accuracy
Temperature [°C]
Error [kPa]
Error Multiplier
-40
±3.75
1.5
0±2.5
1.0
100
±2.5
1.0
140
±3.75
1.5
-40
0
100
140
temperature [°C]
0.0
0.5
1.5
1.0
2.0
2.5
2.50
3.75


Similar Part No. - SP001031312

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP001054670 INFINEON-SP001054670 Datasheet
857Kb / 31P
   Single IGBT Driver IC SP001054670
Rev. 3.0 2016-04-05
SP001096170 INFINEON-SP001096170 Datasheet
221Kb / 2P
   System-Supply for Safety-Relevant Applications
03 / 2015
SP001096172 INFINEON-SP001096172 Datasheet
221Kb / 2P
   System-Supply for Safety-Relevant Applications
03 / 2015
More results

Similar Description - SP001031312

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP219N3621 INFINEON-KP219N3621 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-13
KP229E3518 INFINEON-KP229E3518 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-27
KP216H1416 INFINEON-KP216H1416 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.1, 2010-09-01
KP216K1409 INFINEON-KP216K1409 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.1, 2010-08-31
KP236N6165 INFINEON-KP236N6165 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-21
KP226E0109 INFINEON-KP226E0109 Datasheet
1Mb / 22P
   Analog Absolute Pressure Sensor
Revision 1.0, 2018-04-26
KP229L2920 INFINEON-KP229L2920 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-29
KP226E3408 INFINEON-KP226E3408 Datasheet
776Kb / 19P
   Analog Absolute Pressure Sensor
Revision 1.0 2021-07-07
KP229E2701 INFINEON-KP229E2701 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-01
KP234 INFINEON-KP234 Datasheet
1Mb / 25P
   Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com