Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3405 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC3405
Description  16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3405 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC3405 Datasheet HTML 8Page - Microchip Technology TC3405 Datasheet HTML 9Page - Microchip Technology TC3405 Datasheet HTML 10Page - Microchip Technology TC3405 Datasheet HTML 11Page - Microchip Technology TC3405 Datasheet HTML 12Page - Microchip Technology TC3405 Datasheet HTML 13Page - Microchip Technology TC3405 Datasheet HTML 14Page - Microchip Technology TC3405 Datasheet HTML 15Page - Microchip Technology TC3405 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TC3405
DS21414B-page 12
© 2002 Microchip Technology Inc.
4.3
Package Dimensions
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.150 (3.81)
.115 (2.92)
.770 (19.56)
.740 (18.80)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.045 (1.14)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.270 (6.86)
.240 (6.10)
.200 (5.08)
.140 (3.56)
.014 (0.36)
.008 (0.20)
.400 (10.16)
.310 (7.87)
16-Pin PDIP (Narrow)
PIN 1
10
° MAX.
Dimensions: inches (mm)
8
°
MAX.
PIN 1
.157 (3.99)
.150 (3.81)
.196 (4.98)
.189 (4.80)
.012 (0.31)
.008 (0.21)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.19)
.050 (1.27)
.016 (0.41)
.244 (6.20)
.228 (5.80)
.025
(0.635)
TYP.
16-Pin QSOP (Narrow)
Dimensions: inches (mm)


Similar Part No. - TC3405

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
More results

Similar Description - TC3405

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
   16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3400 MICROCHIP-TC3400 Datasheet
437Kb / 16P
   1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
2002
TC3402 MICROCHIP-TC3402 Datasheet
444Kb / 16P
   1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
2002
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com