Electronic Components Datasheet Search |
|
TC1428COA Datasheet(PDF) 7 Page - Microchip Technology |
|
TC1428COA Datasheet(HTML) 7 Page - Microchip Technology |
7 / 14 page 2002 Microchip Technology Inc. DS21393B-page 7 TC1426/TC1427/TC1428 4.0 TYPICAL CHARACTERISTICS Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 550 440 330 220 110 0 57 9 11 13 15 VDD (V) 10,000pF 4700pF 2200pF Rise Time vs. Supply Voltage 330 264 198 132 66 0 10,000pF 2200pF 4700pF 57 9 11 13 15 Fall Time vs. Supply Voltage tD1 5 7 9 11 13 15 80 70 60 50 40 30 Delay Time vs. Supply Voltage TA = +25°C TA = +25°C CL = 1000pF TA = +25°C VDD (V) VDD (V) tD2 40 32 24 16 8 0 25 45 65 85 105 125 TEMPERATURE ( °C) Rise and Fall Times vs. Temperature 60 54 48 42 36 0 25 45 65 85 105 125 TEMPERATURE ( °C) Delay Time vs. Temperature 30 24 18 12 6 0 100 520 940 1360 1780 2200 CAPACITIVE LOAD (pF) 500kHz 200kHz 20kHz Supply Current vs. Capacitive Load CL = 1000pF VDD = +15V TA = +25°C CL = 1000pF VDD = +15V CL = 1000pF VDD = +15V tD1 tD2 tFALL tRISE CAPACITIVE LOAD (pF) 100 1000 10,000 1000 100 10 10 VDD 5 VDD 15 VDD Rise Time vs. Capacitive Load 1000 100 10 100 1000 10,000 CAPACITIVE LOAD (pF) 5 VDD 10 VDD Fall Time vs. Capacitive Load 15VDD 100 80 60 40 20 0 10 100 1000 10,000 VDD = 15V VDD = 10V V = 5V DD FREQUENCY (kHz) Supply Current vs. Frequency CL = 1000pF TA = +25°C TA = +25°C TA = +25°C |
Similar Part No. - TC1428COA |
|
Similar Description - TC1428COA |