Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38841-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38841-ADJ
Description  0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38841-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LP38841-ADJ Datasheet HTML 1Page - Texas Instruments LP38841-ADJ Datasheet HTML 2Page - Texas Instruments LP38841-ADJ Datasheet HTML 3Page - Texas Instruments LP38841-ADJ Datasheet HTML 4Page - Texas Instruments LP38841-ADJ Datasheet HTML 5Page - Texas Instruments LP38841-ADJ Datasheet HTML 6Page - Texas Instruments LP38841-ADJ Datasheet HTML 7Page - Texas Instruments LP38841-ADJ Datasheet HTML 8Page - Texas Instruments LP38841-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1000
10000
100000
1000000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
COUT = 4.7 PF Tantalum
CBIAS = 1 PF Tantalum
IL = 10 mA
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
oC)
0
50
100
150
200
250
300
350
400
450
500
555
560
565
VADJ
IADJ
1000
10000
100000
1000000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
COUT = 4.7 PF Tantalum
ILOAD = 10 mA
1000
10000
100000
1000000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
100
CBIAS = 1 PF Tantalum
IL = 0
VOUT = 1.2V
0.8
ILOAD (A)
0.6
0.4
0.2
0
0
0.02
0.06
0.04
0.08
0.10
0.12
25
oC
-40
oC
125
oC
VBIAS = 5V
20 Ps/DIV
5
4
6
VBIAS
VOUT
IL = 10 mA
VOUT = 1.2V
VIN = 1.7V
-10
0
10
LP38841-ADJ
www.ti.com
SNVS305C – FEBRUARY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TJ = 25°C, CIN = 10 µF CER, COUT = 22 µF CER, CBIAS = 1 µF CER, S/D Pin is tied to VBIAS, VOUT
= 1.2V, IL = 10mA, VBIAS = 5V, VIN = VOUT + 1V.
VBIAS Transient Response
Dropout Voltage Over Temperature
Figure 2.
Figure 3.
VBIAS PSRR
VBIAS PSRR
Figure 4.
Figure 5.
VIN PSRR
VADJ / IADJ vs Temperature
Figure 6.
Figure 7.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38841-ADJ


Similar Part No. - LP38841-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38841-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
[Old version datasheet]   LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
[Old version datasheet]   1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38842-ADJ NSC-LP38842-ADJ Datasheet
594Kb / 8P
   1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
[Old version datasheet]   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com