Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38798 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP38798
Description  LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38798_15 Datasheet HTML 12Page - Texas Instruments LP38798_15 Datasheet HTML 13Page - Texas Instruments LP38798_15 Datasheet HTML 14Page - Texas Instruments LP38798_15 Datasheet HTML 15Page - Texas Instruments LP38798_15 Datasheet HTML 16Page - Texas Instruments LP38798_15 Datasheet HTML 17Page - Texas Instruments LP38798_15 Datasheet HTML 18Page - Texas Instruments LP38798_15 Datasheet HTML 19Page - Texas Instruments LP38798_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LP38798
SNOSCT6B – MARCH 2013 – REVISED DECEMBER 2014
www.ti.com
7.5 Programming
7.5.1 Programming the Output Voltage
Current sourced from the SET pin, through R1 and R2, must be kept to less than 100 µA. The minimum allowed
value for R2 is 12.9 k
Ω.
ISET = VFB / R2
(4)
R2MIN = VFB(MAX) / 100 μA
(5)
R2MIN = 12.9 kΩ;
(6)
The values for R1 and R2 may be adjusted as needed to achieve the desired output voltage as long as the value
for R2 is no less than 12.9 k
Ω. The maximum recommended value for R2 is 100 kΩ.
Equation 7 is used to determine the output voltage:
VOUT = (VFB × (1 + ( R1 / R2 ))) + VOS
(7)
Alternately, Equation 8 can be used to determine the appropriate R1 value for a given R2 value:
R1 = R2 × (((VOUT) / VFB) – 1)
(8)
Table 1 suggests some ±1% values for R1 and R2 for a range of output voltages using the typical VFB value of
1.200V. This is not a definitive list, as other combinations exist that will provide similar, possibly better,
performance.
Table 1. Typical R1 and R2 Values for Assorted Output Voltages
TARGET VOUT
R1
R2
TYPICAL VOUT
1.5 V
4.22 k
16.9 k
1.5 V
1.8 V
10.5 k
21.0 k
1.8 V
2.0 V
10.0 k
15.0 k
2.0 V
2.5 V
16.2 k
15.0 k
2.496 V
3.0 V
21.0 k
14.0 k
3.0 V
3.3 V
23.2 k
13.3 k
3.293 V
5.0 V
47.5 k
15.0 k
5.0 V
16
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LP38798


Similar Part No. - LP38798_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38798SD-ADJ/NOPB TI-LP38798SD-ADJ/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDE-ADJ/NOPB TI-LP38798SDE-ADJ/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDX-ADJ/NOPB TI-LP38798SDX-ADJ/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
More results

Similar Description - LP38798_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38798 TI-LP38798 Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
logo
Analog Devices
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com