Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD108-B1-CSP0201 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ESD108-B1-CSP0201
Description  Ultra Low Capacitance TVS Diode in a Thin 0201 Chip Scale Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD108-B1-CSP0201 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ESD108-B1-CSP0201 Datasheet HTML 5Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 6Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 7Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 8Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 9Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 10Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 11Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 12Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ESD108-B1-CSP0201
Typical Characteristics Diagrams
Final Data Sheet
9
Revision 1.3, 2015-01-19
Figure 4-5 Clamping voltage (ESD): VCL = f(t), 8 kV negativ pulse from pin 1 to pin 2
Figure 4-6 Clamping voltage (ESD): VCL = f(t), 15 kV positiv pulse from pin 1 to pin 2
-175
-150
-125
-100
-75
-50
-25
0
25
-50
0
50
100
150
200
250
300
350
400
450
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = -137 V
VCL-30ns-peak = -16 V
-25
0
25
50
75
100
125
150
175
-50
0
50
100
150
200
250
300
350
400
450
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = 165 V
VCL-30ns-peak = 29 V


Similar Part No. - ESD108-B1-CSP0201

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD108-B1-CSP0201 LEIDITECH-ESD108-B1-CSP0201 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Infineon Technologies A...
ESD108-B1-CSP0201 INFINEON-ESD108-B1-CSP0201 Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
More results

Similar Description - ESD108-B1-CSP0201

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD200-B1-CSP0201 INFINEON-ESD200-B1-CSP0201_15 Datasheet
1Mb / 16P
   Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.0, 2013-05-21
logo
Littelfuse
SP0501BACT LITTELFUSE-SP0501BACT Datasheet
186Kb / 3P
   TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
SP0504BAC LITTELFUSE-SP0504BAC Datasheet
352Kb / 6P
   TVS Avalanche Diode Array in a Unipolar Chip Scale Package
SP0504BBCT LITTELFUSE-SP0504BBCT Datasheet
172Kb / 3P
   SP0504BBCT - TVS Avalanche Diode Array in a Bipolar Chip Scale Package
logo
Alpha & Omega Semicondu...
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
   Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
logo
Infineon Technologies A...
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
   Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com