Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD108-B1-CSP0201 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ESD108-B1-CSP0201
Description  Ultra Low Capacitance TVS Diode in a Thin 0201 Chip Scale Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD108-B1-CSP0201 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ESD108-B1-CSP0201 Datasheet HTML 2Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 3Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 4Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 5Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 6Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 7Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 8Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 9Page - Infineon Technologies AG ESD108-B1-CSP0201 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ESD108-B1-CSP0201
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Final Data Sheet
6
Revision 1.3, 2015-01-19
Table 3-3
ESD and Surge Characteristics at TA = 25 °C, unless otherwise specified
1)
1) Device is electrically symmetrical
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Clamping voltage2)
2)
Please refer to Application Note AN210[1]. TLP parameter: Z0 = 50 Ω , tp = 100ns, tr = 300ps
VCL
–20
27
V
ITLP =16 A, tp =100 ns
–30.5
41
ITLP =30 A, tp =100 ns
Clamping voltage3)
3) VESD according to IEC61000-4-2 (contact discharge), VCL at 30 ns (R =330 Ω, C = 150 pF discharge network)
–20
VESD =8kV
–29
VESD =15 kV
Clamping voltage4)
4) Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5
–8.5
12
IPP =1A, tp =8/20µs
11
18.5
IPP =2.5 A, tp =8/20µs
Dynamic resistance2)
RDYN
–0.78
Ω
tp =100 ns


Similar Part No. - ESD108-B1-CSP0201

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD108-B1-CSP0201 LEIDITECH-ESD108-B1-CSP0201 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Infineon Technologies A...
ESD108-B1-CSP0201 INFINEON-ESD108-B1-CSP0201 Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
More results

Similar Description - ESD108-B1-CSP0201

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD200-B1-CSP0201 INFINEON-ESD200-B1-CSP0201_15 Datasheet
1Mb / 16P
   Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.0, 2013-05-21
logo
Littelfuse
SP0501BACT LITTELFUSE-SP0501BACT Datasheet
186Kb / 3P
   TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
SP0504BAC LITTELFUSE-SP0504BAC Datasheet
352Kb / 6P
   TVS Avalanche Diode Array in a Unipolar Chip Scale Package
SP0504BBCT LITTELFUSE-SP0504BBCT Datasheet
172Kb / 3P
   SP0504BBCT - TVS Avalanche Diode Array in a Bipolar Chip Scale Package
logo
Alpha & Omega Semicondu...
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
   Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
logo
Infineon Technologies A...
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
   Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com