Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38501-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LP38501-ADJ
Description  LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38501-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LP38501-ADJ_15 Datasheet HTML 1Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 2Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 3Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 4Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 5Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 6Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 7Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 8Page - Texas Instruments LP38501-ADJ_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LP38501-ADJ, LP38503-ADJ
SNVS522I – AUGUST 2007 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN pin voltage (survival)
−0.3
6
V
EN pin voltage (survival)
−0.3
6
V
OUT pin voltage (survival)
−0.3
6
V
IOUT (survival)
Internally limited
Power dissipation(2)
Internally limited
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Operating junction temperature must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD),
maximum allowable operating junction temperature (TJ(MAX)), and package thermal resistance (RθJA). See Application and
Implementation.
6.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Input supply voltage
2.7
5.5
V
Enable input voltage
0
5.5
V
Output current (DC)
0
3
A
VOUT
0.6
5
V
Junction temperature(2)
−40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Operating junction temperature must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD),
maximum allowable operating junction temperature (TJ(MAX)), and package thermal resistance (RθJA). See Application and
Implementation.
6.4 Thermal Information
LP38501 and LP38503
THERMAL METRIC(1)
KTT(DDPAK/TO-263)
NDQ (TO-263)
UNIT
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
41.8
33.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.0
22.1
°C/W
RθJB
Junction-to-board thermal resistance
24.8
16.9
°C/W
ψJT
Junction-to-top characterization parameter
13.1
5.8
°C/W
ψJB
Junction-to-board characterization parameter
23.8
16.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4
2.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38501-ADJ LP38503-ADJ


Similar Part No. - LP38501-ADJ_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38501-ADJ NSC-LP38501-ADJ Datasheet
338Kb / 16P
   3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38501-ADJ TI-LP38501-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
More results

Similar Description - LP38501-ADJ_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38503-ADJ TI-LP38503-ADJ_15 Datasheet
1Mb / 27P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38502-ADJ TI-LP38502-ADJ Datasheet
1Mb / 27P
[Old version datasheet]   LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
National Semiconductor ...
LP38500-ADJ NSC-LP38500-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501-ADJ NSC-LP38501-ADJ Datasheet
338Kb / 16P
   3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com