Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3997 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments LP3997 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
0
50
100
150
200
250
LOAD CURRENT (mA)
0
20
40
60
80
100
120
140
160
180
200
TA = 125
oC
TA = -40
oC
TA = 25
oC
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
110
120
TA = 85
oC
TA = -40
oC
TA = 25
oC
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
110
120
TA = 85
oC
TA = -40
oC
TA = 25
oC
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
110
120
TA = 85
oC
TA = -40
oC
TA = 25
oC
0
50
100
150
200
250
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
TA = 125
oC
TA = -40
oC
TA = 25
oC
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
LP3997
SNVS272B – MAY 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics.
Unless otherwise noted, SD = 950mV, VIN = VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT = 2.2 µF and CBYP = 0.1 µF.
Typical values and limits appearing in normal type apply for TJ = 27°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
Output Voltage Change vs Temperature
Ground Current vs Load Current
Ground Current vs VIN. ILOAD = 0mA
Ground Current vs VIN. ILOAD = 1mA
Ground Current vs VIN. ILOAD = 250mA
Dropout Voltage vs Load Current
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3997


Similar Part No. - LP3997

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
LP3997MM-3.3 NSC-LP3997MM-3.3 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
LP3997MMX-3.3 NSC-LP3997MMX-3.3 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
More results

Similar Description - LP3997

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com