Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3997 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3997_15 Datasheet HTML 3Page - Texas Instruments LP3997_15 Datasheet HTML 4Page - Texas Instruments LP3997_15 Datasheet HTML 5Page - Texas Instruments LP3997_15 Datasheet HTML 6Page - Texas Instruments LP3997_15 Datasheet HTML 7Page - Texas Instruments LP3997_15 Datasheet HTML 8Page - Texas Instruments LP3997_15 Datasheet HTML 9Page - Texas Instruments LP3997_15 Datasheet HTML 10Page - Texas Instruments LP3997_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TIME (500 Ps/DIV)
CBYP = 0.1 PF
IL = 1 mA
TIME (50 Ps/DIV)
0.5
VIN = 4.3V
2.0
1.0
1.5
0
TIME (500 Ps/DIV)
250
CIN = COUT = 2.2 PF
1
TIME (100 Ps/DIV)
CBYP = 0
IL = 1 mA
TIME (100 Ps/DIV)
4.9
CIN = COUT = 2.2 PF
CBYP = 0
IL = 1 to 250 mA
4.3
TIME (100 Ps/DIV)
4.9
CIN = COUT = 2.2 PF
CBYP = 0.1 PF
IL = 1 to 250 mA
4.3
LP3997
www.ti.com
SNVS272B – MAY 2004 – REVISED MAY 2013
Typical Performance Characteristics. (continued)
Unless otherwise noted, SD = 950mV, VIN = VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT = 2.2 µF and CBYP = 0.1 µF.
Typical values and limits appearing in normal type apply for TJ = 27°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
Line Transient
Line Transient
Load Transient (No CBYP)
Enable Start-up Time
Enable Start-up Time
Short Circuit Current
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3997


Similar Part No. - LP3997_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3997MM-3.3 NSC-LP3997MM-3.3 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
LP3997MMX-3.3 NSC-LP3997MMX-3.3 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
More results

Similar Description - LP3997_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com