Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3990-Q1
Description  LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3990-Q1_15 Datasheet HTML 7Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 8Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 9Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 10Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 11Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 12Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 13Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 14Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
EN
IN
OUT
GND
VIN
VEN
GND
VOUT
LP3990
COUT
1 µF
CIN
1 µF
OFF
ON
GND
LP3990-Q1
www.ti.com
SNVSA66 – OCTOBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP3990-Q1 is a linear voltage regulator for digital applications designed to be stable with space-saving
ceramic capacitors as small as 1 µF.
8.2 Typical Application
Figure 13 shows the typical application circuit for the LP3990-Q1. The input and output capacitances may need
to be increased above the 1
μF shown for some applications.
Figure 13. LP3990-Q1 Typical Application
8.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2 V to 6 V
Output voltage
1.8 V
Output current
100 mA
Output capacitor range
1 µF
Input/output capacitor ESR range
5 m
Ω to 500 mΩ
8.2.2 Detailed Design Procedure
To begin the design process, determine the following:
Available input voltage range
Output voltage needed
Output current needed
Input and output capacitors
8.2.2.1 Power Dissipation and Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the IC, to the ultimate heat sink, the ambient environment. Thus, the power
dissipation is dependent on the ambient temperature and the thermal resistance across the various interfaces
between the die junction and ambient air.
The maximum allowable power dissipation for the device in a given package can be calculated using Equation 1:
PD-MAX = ((TJ-MAX - TA) / RθJA)
(1)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3990-Q1


Similar Part No. - LP3990-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Nisshinbo Micro Devices...
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
   150 mA LDO Regulator for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com