Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3988 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3988
Description  LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3988 Datasheet(HTML) 5 Page - Texas Instruments

  LP3988_15 Datasheet HTML 1Page - Texas Instruments LP3988_15 Datasheet HTML 2Page - Texas Instruments LP3988_15 Datasheet HTML 3Page - Texas Instruments LP3988_15 Datasheet HTML 4Page - Texas Instruments LP3988_15 Datasheet HTML 5Page - Texas Instruments LP3988_15 Datasheet HTML 6Page - Texas Instruments LP3988_15 Datasheet HTML 7Page - Texas Instruments LP3988_15 Datasheet HTML 8Page - Texas Instruments LP3988_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LP3988
www.ti.com
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
NOM
MAX
UNIT
VIN
2.5(3)
6
V
VOUT, VEN
0
VIN
V
VPG
0
6
V
IPG
0
500
µA
Junction temperature, TJ
–40
125
°C
SOT-23
322
Maximum power dissipation(4)
mW
DSBGA
303
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
The minimum VIN is dependant on the device output option. For VOUT(NOM) < 2.5 V, VIN(MIN) equals 2.5 V. For VOUT(NOM) ≥ 2.5 V, VIN(MIN)
equals VOUT(NOM) + 200 mV.
(4)
Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The
322-mW rating appearing under Recommended Operating Conditions for the SOT-23-5 package results from substituting the maximum
junction temperature for operation, 125°C, for TJ(MAX), 70°C for TA(MAX), and 181.2°C/W for RθJA. More power can be dissipated at
ambient temperatures below 70°C . Less power can be dissipated at ambient temperatures above 70°C. The maximum power
dissipation for operation can be increased by 4.5 mW for each degree below 70°C, and it must be derated by 5.86 mW for each degree
above 70°C. The same principle applies to the DSBGA package.
6.4 Thermal Information
LP3988
THERMAL METRIC(1)
DBV (SOT-23)
YZR (DSBGA)
UNIT
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
170.5
181.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
124.4
0.8
°C/W
RθJB
Junction-to-board thermal resistance
30.9
107.9
°C/W
ψJT
Junction-to-top characterization parameter
17.6
0.5
°C/W
ψJB
Junction-to-board characterization parameter
30.4
107.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3988


Similar Part No. - LP3988_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988-Q1 TI1-LP3988-Q1 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
National Semiconductor ...
LP3988IMF-2.5 NSC-LP3988IMF-2.5 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988IMF-2.5/NOPB TI1-LP3988IMF-2.5/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3988_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com