Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM213W-433S1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RFM213W-433S1
Description  Low-Cost Consumer Electronics Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM213W-433S1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RFM213W-433S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM213W-433S1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RFM213W
E‐mail:sales@hoperf.com        website://www.hoperf.com                                    Rev 1.0 | Page 11/21
Table 9. Modulation, Frequency and Symbol Rate
Parameter
Value
Unit
Modulation
(G)FSK/OOK
-
Frequency
300 to 480
MHz
Deviation
1 to 200
kHz
Frequency Resolution
24.8
Hz
(G)FSK Symbol Rate
0.1 to 100
ksps
OOK Symbol Rate
0.1 to 40
ksps
5.3 Embedded EEPROM and RFPDK
The RFPDK is a PC application developed to help the user to configure the CMOSTEK NextGenRFTM products in the most
intuitional way. The user only needs to connect the USB Programmer between the PC and the device, fill in/select the proper
value of each parameter on the RFPDK, and click the “Burn” button to program the configurations into the device. The
configurations of the device will then remain unchanged until the next programming. No external MCU control is required in the
application program.
The RFPDK also allows the user to save the active configuration into a list by clicking on the “List” button, so that the saved
configuration can be directly reloaded from the list in the future. Furthermore, it supports exporting the configuration into a
hexadecimal file by clicking on the “Export” button. This file can be used to burn the same configuration into a large amount of
devices during the mass production. See the figure below for the accessing of the EEPROM.
RFM213W
RFPDK
EEPROM
Interface
CSB
SCL
CMOSTEK USB
SDA
Programmer
Figure 11. Accessing Embedded EEPROM
For more details of the CMOSTEK USB Programmer and the RFPDK, please refer to “AN103 CMT211xA-221xA One-Way RF
Link Development Kits Users Guide”.
5.4 All Configurable Options
Beside the demodulation, frequency and symbol rate, more options can be used to customize the device. The following is a table
of all the configurable options. On the RFPDK, the Basic Mode only contains a few options allowing the user to perform easy and
fast configurations. The Advanced Mode shows all the options that allow the user to customize the device in a deeper level. The
options in “Basic Mode” are a subset of that in the “Advanced Mode”.


Similar Part No. - RFM213W-433S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210LCF HOPE-RFM210LCF Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315D HOPE-RFM210LCF-315D Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315D-A HOPE-RFM210LCF-315D-A Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315S1 HOPE-RFM210LCF-315S1 Datasheet
258Kb / 3P
   Wireless Receiver Module
RFM210LCF-433D HOPE-RFM210LCF-433D Datasheet
677Kb / 5P
   Wireless Receiver Module
More results

Similar Description - RFM213W-433S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com