Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM117W-915S1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RFM117W-915S1
Description  Low-Cost Consumer Electronics Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM117W-915S1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RFM117W-915S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM117W-915S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
E‐mail:sales@hoperf.com        website://www.hoperf.com                                    Rev 1.0 | Page 
RFM110W/RFM117W
5/21
1.3 Transmitter Specifications
Table 5. Transmitter Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency Range[1]
FRF
RFM110W
240
480
MHz
RFM117W
240
960
MHz
Synthesizer Frequency
Resolution
FRES
FRF ≤ 480 MHz
198
Hz
FRF > 480 MHz
398
Hz
Maximum Output Power
POUT(Max)
+13
dBm
Minimum Output Power
POUT(Min)
-10
dBm
Output Power Step Size
PSTEP
1
dB
PA Ramping Time[2]
tRAMP
0
1024
us
Current Consumption
@ 433.92 MHz
IDD433.92
0 dBm, 50% duty cycle
6.7
mA
+10 dBm, 50% duty cycle
13.4
mA
+13 dBm, 50% duty cycle
17.4
mA
Current Consumption
@ 868.35 MHz
IDD868.35
0 dBm, 50% duty cycle
8.0
mA
+10 dBm, 50% duty cycle
15.5
mA
+13 dBm, 50% duty cycle
19.9
mA
Sleep Current
ISLEEP
20
nA
Symbol Rate
SR
0.5
30
ksps
Frequency Tune Time
tTUNE
370
us
Phase Noise @ 433.92
MHz
PN433.92
100 kHz offset from FRF
-81
dBc/Hz
200 kHz offset from FRF
-83
dBc/Hz
400 kHz offset from FRF
-92
dBc/Hz
600 kHz offset from FRF
-97
dBc/Hz
1.2 MHz offset from FRF
-107
dBc/Hz
Phase Noise @ 868.35
MHz
PN868.35
100 kHz offset from FRF
-75
dBc/Hz
200 kHz offset from FRF
-77
dBc/Hz
400 kHz offset from FRF
-86
dBc/Hz
600 kHz offset from FRF
-91
dBc/Hz
1.2 MHz offset from FRF
-101
dBc/Hz
Harmonics Output for
433.92 MHz[3]
H2433.92
2nd harm @ 867.84 MHz, +13 dBm POUT
-52
dBm
H3433.92
3rd harm @ 1301.76 MHz, +13 dBm POUT
-60
dBm
Harmonics Output for
868.35 MHz[3]
H2868.35
2nd harm @ 1736.7 MHz, +13 dBm POUT
-67
dBm
H3868.35
3rd harm @ 2605.05 MHz, +13 dBm POUT
-55
dBm
OOK Extinction Ration
60
dB
Notes:
[1]. The frequency range is continuous over the specified range.
[2]. 0 and 2n us, n = 0 to 10, when set to “0”, the PA output power will ramp to its configured value in the shortest possible
time.
[3]. The harmonics output is measured with the application shown as Figure 10.


Similar Part No. - RFM117W-915S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM117 HOPE-RFM117 Datasheet
682Kb / 18P
   Embedded EEPROM
More results

Similar Description - RFM117W-915S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
RFM213W-315S1 ETC2-RFM213W-315S1 Datasheet
464Kb / 20P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com