Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM68W-315S2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RFM68W-315S2
Description  Low Cost ISM Transmitter Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM68W-315S2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RFM68W-315S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
RFM68W
RFM68W
3
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
This product datasheet contains a detailed description of the RFM68W performance and functionality.
1. Circuit Description
1.1.
General Description
The RFM68W is a multi-band transmitter module capable of FSK and OOK modulation of an input data stream.
It contains a frequency synthesizer which is a fractional-N sigma-delta PLL. For frequency modulation (FSK), the
modulation is made inside the PLL bandwidth. For amplitude modulation (OOK), the modulation is performed by turning on
and off the output PA.
The Power Amplifier (PA), connected to the RFOUT pin, can deliver 0 dBm or +10 dBm in a 50
Ω load. Each of these two
output powers need a specific matching network when efficiency needs to be optimized.
The circuit can be configured via a simplified TWI interface, constituted of pin CTRL and DATA. The pins of this interface
are also used to transmit the modulating data to the module.
Another key feature of the RFM68W is its low current consumption in Transmit and Sleep modes and its wide voltage
operating range from 1.8 V to 3.7 V. This makes the RFM68W suitable for low-cost battery chemistries or energy harvesting
applications.
1.2.
Block Diagram
The figure below shows the simplified block diagram of the RFM68W


Similar Part No. - RFM68W-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68W-315S2 HOPE-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results

Similar Description - RFM68W-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
   LOW COST ASK TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
SI4313 SILABS-SI4313 Datasheet
489Kb / 52P
   Si4313 LOW-COST ISM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com