Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM67W-315S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM67W-315S2
Description  ISM TRANSMITTER MODULE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM67W-315S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM67W-315S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM67W-315S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Page 1
Page 1
 
    
RFM67W
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RFM67W ISM TRANSMITTER MODULE
V1.2
Features
GENERAL DESCRIPTION
The RFM67W is a transmitter
module which can operate in the
315, 433, 868 and 915 MHz
licence free ISM bands.
The transmitter module has two
modes of operation, a
conventional MCU controlled
mode and a ‘stand-alone’
mode which enables the
RFM67W to download
configuration and messages from
an E2PROM in response to a user
input.
Stand-alone mode makes the
RFM67W ideal for miniaturized or
low cost remote keyless entry
(RKE) applications. It also offers
the unique advantage of narrow-
band and wide-band
communication in a range of
modulation formats.
The RFM67W offers high RF
output power and channelized
operation suited for the European
(ETSI EN 300-220-1), North
American (FCC part 15.231,
15.247 and 15.249) and
Japanese (ARIB T-67) regulatory
standards.
APPLICATIONS
Remote Keyless Entry (RKE)
Remote Control / Security
Systems
Voice and Data RF
Communication Links
Process and building / home
control
Active RFID
AMR / AMI Platforms
KEY PRODUCT FEATURES
+17 dBm to -18 dBm
Programmable output power.
Bit rates up to 600 kbits / sec.
FSK, GFSK, MSK, GMSK and
OOK modulation.
Stand-alone mode: No need
for a host MCU.
Consistent RF performance
over a 1.8 to 3.7 V range.
Low phase noise (-95 dBc/Hz
at 50 kHz) with automated PLL
calibration and fully integrated
VCO and loop filter.
On chip RC timer for timer
/wake-up applications.
Low battery detection.
Module size:19.7X16mm
Low cost
  
RFM67W
NOTE:
In order to better use RFM67W
modules, this specification also
involves a large number of the
parameters and functions of its
core chip RF67's,including those
IC pins which are not leaded
out. All of these can help
customers gain a better
understanding of the
performance of RFM67W
modules, and enhance the
application skills.


Similar Part No. - RFM67W-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM67W-315S2 HOPE-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
More results

Similar Description - RFM67W-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
List of Unclassifed Man...
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
SI4031-B1-FMR ETC2-SI4031-B1-FMR Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com