Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_336 Datasheet(PDF) 6 Page - Glenair, Inc.

Part # 050_336
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_336 Datasheet(HTML) 6 Page - Glenair, Inc.

Back Button 050_336 Datasheet HTML 2Page - Glenair, Inc. 050_336 Datasheet HTML 3Page - Glenair, Inc. 050_336 Datasheet HTML 4Page - Glenair, Inc. 050_336 Datasheet HTML 5Page - Glenair, Inc. 050_336 Datasheet HTML 6Page - Glenair, Inc. 050_336 Datasheet HTML 7Page - Glenair, Inc. 050_336 Datasheet HTML 8Page - Glenair, Inc. 050_336 Datasheet HTML 9Page - Glenair, Inc. 050_336 Datasheet HTML 10Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2014 Glenair, Inc.
REV: 5
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 6 of 13
E-mail: sales@glenair.com
050-336 Product Brief
PCB Mount Quad Transmitter
100 Mbps – 5 Gbps, MMF, 3.3V
indicates a fault. The TX FAULT will be latched high when a laser fault occurs and is cleared by toggling the TX ENABLE
input or cycling the power of the transceiver. The transmitter fault condition can also be monitored via the 2-wire serial
interface (address A2, byte 110, bit 2).
Eye Safety Circuit
The Transmitter section provides Class 1 eye safety by design and is compliant with US FDA CDRH AEL Class 1 and
EN(IEC) 60825-1,2, EN60950 Class 1. The eye safety circuit continuously monitors optical output power levels and will
disable the transmitter and assert a TX_FAULT signal upon detecting an unsafe condition. Such unsafe conditions can be
created by inputs from the host board (Vcc fluctuation, unbalanced code) or faults within the module.
FUNCTIONAL I/O
The PCB mount transmitter accepts industry standard differential signals such as LVPECL and CML within the scope of
the SFP MSA. To simplify board requirements, transmitter bias resistors and ac coupling capacitors are incorporated, per
SFF-8074i, and hence are not required on the host board. The module is AC-coupled and internally terminated.
Figure 3 illustrates a recommended interface circuit to link the PCB mount transmitter to the supporting Physical Layer
integrated circuits.


Similar Part No. - 050_336

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-336 GLENAIR-050-336 Datasheet
403Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
More results

Similar Description - 050_336

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-336 GLENAIR-050-336 Datasheet
403Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD TRANSMITTER
050_337 GLENAIR-050_337 Datasheet
415Kb / 11P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD RECEIVER
050-337 GLENAIR-050-337 Datasheet
415Kb / 11P
   PRINTED CIRCUIT BOARD (PCB) MOUNT QUAD RECEIVER
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com